Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1574DYYR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1574DYYR
Description  TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX1574DYYR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMUX1574DYYR Datasheet HTML 12Page - Texas Instruments TMUX1574DYYR Datasheet HTML 13Page - Texas Instruments TMUX1574DYYR Datasheet HTML 14Page - Texas Instruments TMUX1574DYYR Datasheet HTML 15Page - Texas Instruments TMUX1574DYYR Datasheet HTML 16Page - Texas Instruments TMUX1574DYYR Datasheet HTML 17Page - Texas Instruments TMUX1574DYYR Datasheet HTML 18Page - Texas Instruments TMUX1574DYYR Datasheet HTML 19Page - Texas Instruments TMUX1574DYYR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
GND
VDD
0 V
ENABLE
DRIVE
(VEN)
VIL
VIH
tON (EN)
tOFF (EN)
90%
OUTPUT
0 V
tr < 5ns
tf < 5ns
90%
VDD
VDD
0.1 F
VS
OUTPUT
RL
CL
S1A
D1
S1B
VS
OUTPUT
RL
CL
S4A
D4
S4B
VEN
EN
VIH
VIL
tTRANSITION
10%
90%
OUTPUT
0 V
ADDRESS
DRIVE
(VSEL)
VDD
tTRANSITION
VSEL
0 V
tr < 5ns
tf < 5ns
GND
VS
OUTPUT
RL
CL
S1A
D1
SEL
VDD
VDD
0.1 F
S1B
VS
OUTPUT
RL
CL
S4A
D4
S4B
16
TMUX1574
SCDS391C – OCTOBER 2018 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: TMUX1574
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
7.5 Transition Time
Transition time is defined as the time taken by the output of the device to rise or fall 10% after the select signal
has risen or fallen past the logic threshold. The 10% transition measurement is utilized to provide the timing of
the device. The time constant from the load resistance and load capacitance can be added to the transition time
to calculate system level timing. Figure 31 shows the setup used to measure transition time, denoted by the
symbol tTRANSITION.
Figure 31. Transition-Time Measurement Setup
7.6 tON (EN) and tOFF (EN) Time
The tON (EN) time is defined as the time taken by the output of the device to rise to 90% after the enable has fallen
past the logic threshold. The 90% measurement is used to provide the timing of the device being enabled in the
system. Figure 32 shows the setup used to measure the enable time, denoted by the symbol tON (EN).
The tOFF (EN) time is defined as the time taken by the output of the device to fall to 90% after the enable has fallen
past the logic threshold. The 90% measurement is used to provide the timing of the device being disabled in the
system. Figure 32 shows the setup used to measure enable time, denoted by the symbol tOFF (EN).
Figure 32. tON (EN) and tOFF (EN) Time Measurement Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com