Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1574DYYR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1574DYYR
Description  TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX1574DYYR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMUX1574DYYR Datasheet HTML 10Page - Texas Instruments TMUX1574DYYR Datasheet HTML 11Page - Texas Instruments TMUX1574DYYR Datasheet HTML 12Page - Texas Instruments TMUX1574DYYR Datasheet HTML 13Page - Texas Instruments TMUX1574DYYR Datasheet HTML 14Page - Texas Instruments TMUX1574DYYR Datasheet HTML 15Page - Texas Instruments TMUX1574DYYR Datasheet HTML 16Page - Texas Instruments TMUX1574DYYR Datasheet HTML 17Page - Texas Instruments TMUX1574DYYR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
VDD
VDD
S1A
GND
D1
VD
ID (OFF)
A
VS
S1B
S4A
D4
VD
ID (OFF)
A
VS
S4B
VDD
VDD
S1A
GND
D1
VD
VS
S1B
IS (OFF)
A
VD
S1A
D1
VD
VS
S1B
IS (OFF)
A
VD
V
Dx
VS
ISD
Sx
14
TMUX1574
SCDS391C – OCTOBER 2018 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: TMUX1574
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
7 Parameter Measurement Information
7.1 On-Resistance
The on-resistance of a device is the ohmic resistance between the source (Sx) and drain (Dx) pins of the device.
The on-resistance varies with input voltage and supply voltage. The symbol RON is used to denote on-resistance.
The measurement setup used to measure RON is shown in Figure 27. Voltage (V) and current (ISD) are measured
using this setup, and RON is computed as shown below with RON = V / ISD:
Figure 27. On-Resistance Measurement Setup
7.2 Off-Leakage Current
Source leakage current is defined as the leakage current flowing into or out of the source pin when the switch is
off. This current is denoted by the symbol IS (OFF).
Drain leakage current is defined as the leakage current flowing into or out of the drain pin when the switch is off.
This current is denoted by the symbol ID (OFF).
The setup used to measure both off-leakage currents is shown in Figure 28.
Figure 28. Off-Leakage Measurement Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com