Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1574DYYR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1574DYYR
Description  TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX1574DYYR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMUX1574DYYR Datasheet HTML 19Page - Texas Instruments TMUX1574DYYR Datasheet HTML 20Page - Texas Instruments TMUX1574DYYR Datasheet HTML 21Page - Texas Instruments TMUX1574DYYR Datasheet HTML 22Page - Texas Instruments TMUX1574DYYR Datasheet HTML 23Page - Texas Instruments TMUX1574DYYR Datasheet HTML 24Page - Texas Instruments TMUX1574DYYR Datasheet HTML 25Page - Texas Instruments TMUX1574DYYR Datasheet HTML 26Page - Texas Instruments TMUX1574DYYR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
23
TMUX1574
www.ti.com
SCDS391C – OCTOBER 2018 – REVISED DECEMBER 2019
Product Folder Links: TMUX1574
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Feature Description (continued)
8.3.3 1.8 V Logic Compatible Inputs
The TMUX1574 has 1.8-V logic compatible control inputs. Regardless of the VDD voltage, the control input
thresholds remain fixed, allowing a 1.8-V processor GPIO to control the TMUX1574 without the need for an
external translator. This saves both space and BOM cost. For more information on 1.8 V logic implementations,
refer to Simplifying Design with 1.8 V logic Muxes and Switches.
8.3.4 Powered-off Protection
Powered-off protection up to 3.6 V on the signal path of the TMUX1574 provides isolation when the supply
voltage is removed (VDD = 0 V). When the TMUX1574 is powered-off, the I/Os of the device remain in a high-Z
state. Powered-off protection minimizes system complexity by removing the need for power supply sequencing
on the signal path. The device performance remains within the leakage performance mentioned in the Electrical
Specifications. For more information on powered-off protection, refer to Eliminate Power Sequencing with
Powered-off Protection Signal Switches.
8.3.5 Fail-Safe Logic
The TMUX1574 has Fail-Safe Logic on the control input pins (SELx) which allows for operation up to 5.5 V,
regardless of the state of the supply pin. This feature allows voltages on the control pins to be applied before the
supply pin, protecting the device from potential damage. Fail-Safe Logic minimizes system complexity by
removing the need for power supply sequencing on the logic control pins. For example, the Fail-Safe Logic
feature allows the select pins of the TMUX1574 to be ramped to 5.5 V while VDD = 0 V. Additionally, the feature
enables operation of the TMUX1574 with VDD = 1.5 V while allowing the select pins to interface with a logic level
of another device up to 5.5 V.
8.3.6 Low Capacitance
The TMUX1574 has very low capacitance in both the ON and OFF states on the source and drain pins. Low
capacitance helps to reduce large overshoots and ringing of an amplifier circuit when the switch is connected to
the feedback network. Additionally, low capacitance improves system settling time by reducing the switch time
constant formed by the On-resistance and On-capacitance. For more information on the benefits of low
capacitance refer to Improve Stability Issues with Low CON Multiplexers.
8.3.7 Integrated Pull-Down Resistors
The TMUX1574 has internal weak pull-down resistors (6 MΩ) to GND to ensure the logic pins are not left
floating. This feature integrates up to four external components and reduces system size and cost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com