Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1574DYYR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1574DYYR
Description  TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX1574DYYR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX1574DYYR Datasheet HTML 17Page - Texas Instruments TMUX1574DYYR Datasheet HTML 18Page - Texas Instruments TMUX1574DYYR Datasheet HTML 19Page - Texas Instruments TMUX1574DYYR Datasheet HTML 20Page - Texas Instruments TMUX1574DYYR Datasheet HTML 21Page - Texas Instruments TMUX1574DYYR Datasheet HTML 22Page - Texas Instruments TMUX1574DYYR Datasheet HTML 23Page - Texas Instruments TMUX1574DYYR Datasheet HTML 24Page - Texas Instruments TMUX1574DYYR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
#PPAJQ=PEKJ
= 20 × .KC (
8176
85
)
GND
NETWORK
ANALYZER
VOUT
S
D
50Ÿ
VSIG
RL
50Ÿ
VS
VDD
0.1µF
VDD
SxA / SxB / Dx
RL
50Ÿ
21
TMUX1574
www.ti.com
SCDS391C – OCTOBER 2018 – REVISED DECEMBER 2019
Product Folder Links: TMUX1574
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
7.15 Bandwidth
Bandwidth is defined as the range of frequencies that are attenuated by less than 3 dB when the input is applied
to the source pin (Sx) of an on-channel, and the output is measured at the drain pin (Dx) of the device. The
characteristic impedance, Z0, for the measurement is 50 Ω. Figure 41 shows the setup used to measure
bandwidth.
Figure 41. Bandwidth Measurement Setup
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com