Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1574DYYR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1574DYYR
Description  TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX1574DYYR Datasheet(HTML) 5 Page - Texas Instruments

  TMUX1574DYYR Datasheet HTML 1Page - Texas Instruments TMUX1574DYYR Datasheet HTML 2Page - Texas Instruments TMUX1574DYYR Datasheet HTML 3Page - Texas Instruments TMUX1574DYYR Datasheet HTML 4Page - Texas Instruments TMUX1574DYYR Datasheet HTML 5Page - Texas Instruments TMUX1574DYYR Datasheet HTML 6Page - Texas Instruments TMUX1574DYYR Datasheet HTML 7Page - Texas Instruments TMUX1574DYYR Datasheet HTML 8Page - Texas Instruments TMUX1574DYYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
5
TMUX1574
www.ti.com
SCDS391C – OCTOBER 2018 – REVISED DECEMBER 2019
Product Folder Links: TMUX1574
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
(3)
All voltages are with respect to ground, unless otherwise specified.
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted).
(1) (2) (3)
MIN
MAX
UNIT
VDD
Supply voltage
–0.5
6
V
VSEL or VEN
Logic control input pin voltage (SEL or EN)
–0.5
6
V
ISEL or IEN
Logic control input pin current (SEL or EN)
–30
30
mA
VS or VD
Source or drain pin voltage
–0.5
6
V
IS or ID (CONT)
Source and drain pin continuous current: (SxA, SxB, Dx)
–25
25
mA
Tstg
Storage temperature
–65
150
°C
TJ
Junction temperature
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-
001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification
JESD22-C101(2)
±750
(1)
Device input and output can operate up to VDD x 2, with a maximum input and output voltage of 5.5 V.
(2)
VS_off and VD_off refers to the voltage at the source or drain pins when supply is less than 1.5 V.
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
VDD
Supply voltage
1.5
5.5
V
VS or VD
Signal path input/output voltage (source or drain pin), VDD ≥ 1.5 V
(1)
0
VDD x 2
V
VS_off or VD_off
Signal path input/output voltage (source or drain pin), VDD < 1.5 V
(2)
0
3.6
V
VSEL or VEN
Logic control input voltage (EN, SEL)
0
5.5
V
TA
Ambient temperature
–40
125
ºC
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
DEVICE
DEVICE
DEVICE
UNIT
PW (TSSOP)
DYY (SOT-23)
RSV (UQFN)
16 PINS
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
117.4
123.0
129.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
47.9
70.5
69.7
°C/W
RθJB
Junction-to-board thermal resistance
63.7
50.4
58.7
°C/W
ΨJT
Junction-to-top characterization parameter
6.9
5.0
3.6
°C/W
ΨJB
Junction-to-board characterization parameter
63.1
50.3
56.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
N/A
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com