Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862-R8 Datasheet(PDF) 63 Page - ATMEL Corporation

Part # T48C862-R8
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862-R8 Datasheet(HTML) 63 Page - ATMEL Corporation

Back Button T48C862-R8 Datasheet HTML 59Page - ATMEL Corporation T48C862-R8 Datasheet HTML 60Page - ATMEL Corporation T48C862-R8 Datasheet HTML 61Page - ATMEL Corporation T48C862-R8 Datasheet HTML 62Page - ATMEL Corporation T48C862-R8 Datasheet HTML 63Page - ATMEL Corporation T48C862-R8 Datasheet HTML 64Page - ATMEL Corporation T48C862-R8 Datasheet HTML 65Page - ATMEL Corporation T48C862-R8 Datasheet HTML 66Page - ATMEL Corporation T48C862-R8 Datasheet HTML 67Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 107 page
background image
63
T48C862-R8
4590B–4BMCU–02/03
Timer 3 Control Register 1
(T3C) Write
Primary register address: "C"hex - Write
Timer 3 Status Register 1
(T3ST) Read
Primary register address: "C"hex - Read
Note:
The status bits T3C1, T3C2 and T3ED will be reset after a READ access to T3ST.
Timer 3 Clock Select Register
(T3CS)
Address: "B"hex - Subaddress: "1"hex
Bit 3Bit 2Bit 1Bit 0
Write
T3EIM
T3TOP
T3TS
T3R
Reset value: 0000b
T3EIM
Timer 3 Edge Interrupt Mask
T3EIM = 0, disables the interrupt when an edge event for Timer 3 occurs (T3I)
T3EIM = 1, enables the interrupt when an edge event for Timer 3 occurs (T3I)
T3TOP
Timer 3 Toggle Output Preset
T3TOP = 0, sets toggle output (M3) to "0"
T3TOP = 1, sets toggle output (M3) to "1"
Note: If T3R = 1, no output preset is possible
T3TS
Timer 3 Toggle with Start T3TS = 0, Timer 3 output is not toggled during the start
T3TS = 1, Timer 3 output is toggled if started with T3R
T3R
Timer 3 Run
T3R = 0, Timer 3 stop and reset
T3R = 1, Timer 3 run
Bit 3Bit 2Bit 1Bit 0
Read
- - -
T3ED
T3C2
T3C1
Reset value: x000b
T3ED
Timer 3 Edge Detect
This bit will be set by the edge-detect logic of Timer 3 input (T3I)
T3C2
Timer 3 Compare 2
This bit will be set when a match occurs between Counter 3 and T3CO2
T3C1
Timer 3 Compare 1
This bit will be set when a match occurs between Counter 3 and T3CO1
Bit 3
Bit 2
Bit 1
Bit 0
T3CS
T3E1
T3E0
T3CS1
T3CS0
Reset value: 1111b
T3E1
Timer 3 Edge select bit 1
T3E1
T3E0
Timer 3 Input Edge Select (T3I)
T3E0
Timer 3 Edge select bit 0
1
1
- - -
1
0
Positive edge at T3I pin
0
1
Negative edge at T3I pin
0
0
Each edge at T3I pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com