Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862-R8 Datasheet(PDF) 100 Page - ATMEL Corporation

Part # T48C862-R8
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862-R8 Datasheet(HTML) 100 Page - ATMEL Corporation

Back Button T48C862-R8 Datasheet HTML 96Page - ATMEL Corporation T48C862-R8 Datasheet HTML 97Page - ATMEL Corporation T48C862-R8 Datasheet HTML 98Page - ATMEL Corporation T48C862-R8 Datasheet HTML 99Page - ATMEL Corporation T48C862-R8 Datasheet HTML 100Page - ATMEL Corporation T48C862-R8 Datasheet HTML 101Page - ATMEL Corporation T48C862-R8 Datasheet HTML 102Page - ATMEL Corporation T48C862-R8 Datasheet HTML 103Page - ATMEL Corporation T48C862-R8 Datasheet HTML 104Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 107 page
background image
100
T48C862-R8
4590B–4BMCU–02/03
Package Information
Extended Type Number
Package
Remarks
T48C862M-TNQ
SSO24
429 MHz to 439 MHz
technical drawings
according to DIN
specifications
Package SSO24
Dimensions in mm
8.05
7.80
0.15
0.05
0.25
0.65
7.15
1.30
5.7
5.3
4.5
4.3
6.6
6.3
0.15
24
13
112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com