Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862-R8 Datasheet(PDF) 104 Page - ATMEL Corporation

Part # T48C862-R8
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862-R8 Datasheet(HTML) 104 Page - ATMEL Corporation

Back Button T48C862-R8 Datasheet HTML 99Page - ATMEL Corporation T48C862-R8 Datasheet HTML 100Page - ATMEL Corporation T48C862-R8 Datasheet HTML 101Page - ATMEL Corporation T48C862-R8 Datasheet HTML 102Page - ATMEL Corporation T48C862-R8 Datasheet HTML 103Page - ATMEL Corporation T48C862-R8 Datasheet HTML 104Page - ATMEL Corporation T48C862-R8 Datasheet HTML 105Page - ATMEL Corporation T48C862-R8 Datasheet HTML 106Page - ATMEL Corporation T48C862-R8 Datasheet HTML 107Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 104 / 107 page
background image
104
T48C862-R8
4590B–4BMCU–02/03
Features ........................................................................................................ 54
Timer/Counter Modes .........................................................................................55
Timer 3 – Mode 1: Timer/Counter ................................................................. 56
Timer 3 – Mode 2: Timer/Counter, External Trigger Restart and External
Capture (with T3I Input) ..................................................... 57
Timer 3 – Mode 3: Timer/Counter, Internal Trigger Restart and Internal
Capture (with TOG2) .........................................................58
Timer 3 – Mode 4: Timer/Counter ................................................................. 58
Timer 3 – Mode 5: Timer/Counter, External Trigger Restart and External
Capture (with T3I Input) ..................................................... 58
Timer 3 Modulator/Demodulator Modes ............................................................. 58
Timer 3 – Mode 6: Carrier Frequency Burst Modulation Controlled by
Timer 2 Output Toggle Flip-Flop (M2) ...............................58
Timer 3 – Mode 7: Carrier Frequency Burst Modulation Controlled by
SSI Internal Output (SO) ................................................... 58
Timer 3 – Mode 8: FSK Modulation with Shift Register Data (SO) ............... 59
Timer 3 – Mode 9: Pulse-width Modulation with the Shift Register ............... 59
Timer 3 – Mode 10: Manchester Demodulation/Pulse-width Demodulation . 59
Timer 3 – Mode 11: Biphase Demodulation ..................................................60
Timer 3 – Mode 12: Timer/Counter with External Capture Mode (T3I) ......... 61
Timer 3 Modulator for Carrier Frequency Burst Modulation ...............................61
Timer 3 Demodulator for Biphase, Manchester and Pulse-width-modulated
Signals ..................................................................................................... 61
Timer 3 Registers ...............................................................................................62
Timer 3 Mode Register (T3M) ....................................................................... 62
Timer 3 Control Register 1 (T3C) Write ........................................................ 63
Timer 3 Status Register 1 (T3ST) Read ....................................................... 63
Timer 3 Clock Select Register (T3CS) .......................................................... 63
Timer 3 Compare- and Compare-mode Register ......................................... 64
Timer 3 Compare-Mode Register 1 (T3CM1) ............................................... 64
Timer 3 Compare Mode Register 2 (T3CM2) ............................................... 65
Timer 3 COmpare Register 1 (T3CO1) Byte Write ....................................... 65
Timer 3 COmpare Register 2 (T3CO2) Byte Write ....................................... 65
Timer 3 Capture Register ................................................................................... 66
Timer 3 CaPture Register (T3CP) Byte Read ............................................... 66
Synchronous Serial Interface (SSI) .................................................................... 66
SSI Features: ................................................................................................ 66
SSI Peripheral Configuration ........................................................................ 67
General SSI Operation ..................................................................................68
8-bit Synchronous Mode ............................................................................... 69
9-bit Shift Mode (MCL compatible) ...............................................................70
8-bit Pseudo MCL Mode ............................................................................... 72
MCL Bus Protocol .........................................................................................73
SSI Interrupt .................................................................................................. 74
Modulation and Demodulation ...................................................................... 74
Serial Interface Registers ................................................................................... 75
Serial Interface Control Register 1 (SIC1) .................................................... 75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com