Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862-R8 Datasheet(PDF) 65 Page - ATMEL Corporation

Part # T48C862-R8
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862-R8 Datasheet(HTML) 65 Page - ATMEL Corporation

Back Button T48C862-R8 Datasheet HTML 61Page - ATMEL Corporation T48C862-R8 Datasheet HTML 62Page - ATMEL Corporation T48C862-R8 Datasheet HTML 63Page - ATMEL Corporation T48C862-R8 Datasheet HTML 64Page - ATMEL Corporation T48C862-R8 Datasheet HTML 65Page - ATMEL Corporation T48C862-R8 Datasheet HTML 66Page - ATMEL Corporation T48C862-R8 Datasheet HTML 67Page - ATMEL Corporation T48C862-R8 Datasheet HTML 68Page - ATMEL Corporation T48C862-R8 Datasheet HTML 69Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 107 page
background image
65
T48C862-R8
4590B–4BMCU–02/03
Timer 3 Compare Mode
Register 2 (T3CM2)
Address: "B"hex - Subaddress: "3"hex
T3CM2 contains the mask bits for the match event of Counter 3 compare register 2
The compare registers and corresponding counter reset masks can be used to program
the counter time intervals and the toggle masks can be used to program output signal.
The single-action mask can also be used in this mode. It starts operating after the timer
started with T3R.
Timer 3 COmpare Register 1
(T3CO1) Byte Write
Address: "B"hex - Subaddress: "4"hex
Timer 3 COmpare Register 2
(T3CO2) Byte Write
Address: "B"hex - Subaddress: "5"hex
Bit 3Bit 2Bit 1Bit 0
T3CM2
T3SM2
T3TM2
T3RM2
T3IM2
Reset value: 0000b
T3SM2
Timer 3 Single action Mask bit 2
T3SM2 = 0, disables single-action compare mode
T3SM2 = 1, enables single-compare mode. After this bit is set, the compare
register (T3CO2) is used until the next compare match.
T3TM2
Timer 3 compare Toggle action Mask bit 2
T3TM2 = 0, disables compare toggle
T3TM2 = 1, enables compare toggle. A match of Counter 3 with the compare
register (T3CO2) toggles the output flip-flop (TOG3).
T3RM2
Timer 3 Reset Mask bit 2
T3RM2 = 0, disables counter reset
T3RM2 = 1, enables counter reset. A match of Counter 3 with the compare
register (T3CO2) resets the Counter 3.
T3IM2
Timer 3 Interrupt Mask bit 2
T3RM2 = 0, disables Timer 3 interrupt for T3CO2 register.
T3RM2 = 1, enables Timer 3 interrupt for T3CO2 register.
High Nibble
Second write cycle
Bit 7
Bit 6
Bit 5
Bit 4
Reset value: 1111b
Low Nibble
First write cycle
Bit 3
Bit 2
Bit15
Bit 0
Reset value: 1111b
High Nibble
Second write cycle
Bit 7
Bit 6
Bit 5
Bit 4
Reset value: 1111b
Low Nibble
First write cycle
Bit 3
Bit 2
Bit15
Bit 0
Reset value: 1111b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com