Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862-R8 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # T48C862-R8
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862-R8 Datasheet(HTML) 3 Page - ATMEL Corporation

  T48C862-R8 Datasheet HTML 1Page - ATMEL Corporation T48C862-R8 Datasheet HTML 2Page - ATMEL Corporation T48C862-R8 Datasheet HTML 3Page - ATMEL Corporation T48C862-R8 Datasheet HTML 4Page - ATMEL Corporation T48C862-R8 Datasheet HTML 5Page - ATMEL Corporation T48C862-R8 Datasheet HTML 6Page - ATMEL Corporation T48C862-R8 Datasheet HTML 7Page - ATMEL Corporation T48C862-R8 Datasheet HTML 8Page - ATMEL Corporation T48C862-R8 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 107 page
background image
3
T48C862-R8
4590B–4BMCU–02/03
21
CLK
Clock output signal for microcontroller
The clock output frequency is set by the
crystal to f
XTAL/4
22
PA_ENABLE
Switches on power amplifier, used for
ASK modulation
23
24
ANT2
ANT1
Emitter of antenna output stage
Open collector antenna output
Pin Description: RF Part
Pin
Symbol
Function
Configuration
CLK
VS
100
100
PA_ENABLE
50k
Uref=1.1V
20 µA
ANT1
ANT2
Pin Description: Microcontroller Part
Name
Type
Function
Alternate Function
Pin No.
Reset State
V
DD
Supply voltage
13
NA
V
SS
Circuit ground
12
NA
BP20
I/O
Bi-directional I/O line of Port 2.0
NTE-test mode enable, see also section "Master Reset"
7
Input
BP40
I/O
Bi-directional I/O line of Port 4.0
SC-serial clock or INT3 external interrupt input
14
Input
BP41
I/O
Bi-directional I/O line of Port 4.1
VMI voltage monitor input or T2I external clock input
Timer 2
9
Input
BP42
I/O
Bi-directional I/O line of Port 4.2
T2O Timer 2 output
10
Input
BP43
I/O
Bi-directional I/O line of Port 4.3
SD serial data I/O or INT3-external interrupt input
11
Input
BP50
I/O
Bi-directional I/O line of Port 5.0
INT6 external interrupt input
17
Input
BP52
I/O
Bi-directional I/O line of Port 5.2
INT1 external interrupt input
16
Input
BP53
I/O
Bi-directional I/O line of Port 5.3
INT1 external interrupt input
15
Input
BP60
I/O
Bi-directional I/O line of Port 6.0
T3O Timer 3 output
20
Input
BP63
I/O
Bi-directional I/O line of Port 6.3
T3I Timer 3 input
6
Input
OSC1
I
Oscillator input
4-MHz crystal input or 32-kHz crystal input or external
clock input or external trimming resistor input
18
Input
OSC2
O
Oscillator output
4-MHz crystal output or 32-kHz crystal output or external
clock input
19
Input
NRESET
I/O
Bi-directional reset pin
5
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com