Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862-R8 Datasheet(PDF) 84 Page - ATMEL Corporation

Part # T48C862-R8
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862-R8 Datasheet(HTML) 84 Page - ATMEL Corporation

Back Button T48C862-R8 Datasheet HTML 80Page - ATMEL Corporation T48C862-R8 Datasheet HTML 81Page - ATMEL Corporation T48C862-R8 Datasheet HTML 82Page - ATMEL Corporation T48C862-R8 Datasheet HTML 83Page - ATMEL Corporation T48C862-R8 Datasheet HTML 84Page - ATMEL Corporation T48C862-R8 Datasheet HTML 85Page - ATMEL Corporation T48C862-R8 Datasheet HTML 86Page - ATMEL Corporation T48C862-R8 Datasheet HTML 87Page - ATMEL Corporation T48C862-R8 Datasheet HTML 88Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 107 page
background image
84
T48C862-R8
4590B–4BMCU–02/03
Before activating the demodulator mode the timer and the demodulator stage must be
synchronized with the bitstream. The Manchester code timing consists of parts with the
half bitlength and the complete bitlength. A synchronization routine must start the
demodulator after an interval with the complete bitlength.
The counter can be driven by any internal clock source. The output T3O can be used by
Timer 2 in this mode. The Manchester decoder can also be used for pulse-width demod-
ulation. The input must programmed to detect the positive edge. The demodulator and
timer must be synchronized with the leading edge of the pulse. After that a counter
match with the compare register 1 shifts the state at the input T3I into the shift register.
The next positive edge at the input restarts the timer.
Figure 81. Manchester Demodulation
Combination Mode 9:
Biphase Demodulation
SSI mode 1:
8-bit shift register internal data input (SI) and the internal shift clock
(SCI) from the Timer 3
Timer 3 mode 11: Biphase demodulation with Timer 3
In the Biphase demodulation mode the timer works like in the Manchester demodulation
mode. The difference is that the bits are decoded with the toggle flip-flop. This flip-flop
samples the edge in the middle of the bitframe and the compare register 1 match event
shifts the toggle flip-flop output into shift register. Before activating the demodulation the
timer and the demodulation stage must be synchronized with the bitstream. The
Biphase code timing consists of parts with the half bitlength and the complete bitlength.
The synchronization routine must start the demodulator after an interval with the com-
plete bitlength.
The counter can be driven by any internal clock source and the output T3O can be used
by Timer 2 in this mode.
1
011
1
0
0
1
1
0
11
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Synchronize
Manchester demodulation mode
Timer 3
mode
T3EX
SI
SR-DATA
T3I
CM31=SCI
100
11
0
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com