Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862-R8 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # T48C862-R8
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862-R8 Datasheet(HTML) 5 Page - ATMEL Corporation

  T48C862-R8 Datasheet HTML 1Page - ATMEL Corporation T48C862-R8 Datasheet HTML 2Page - ATMEL Corporation T48C862-R8 Datasheet HTML 3Page - ATMEL Corporation T48C862-R8 Datasheet HTML 4Page - ATMEL Corporation T48C862-R8 Datasheet HTML 5Page - ATMEL Corporation T48C862-R8 Datasheet HTML 6Page - ATMEL Corporation T48C862-R8 Datasheet HTML 7Page - ATMEL Corporation T48C862-R8 Datasheet HTML 8Page - ATMEL Corporation T48C862-R8 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 107 page
background image
5
T48C862-R8
4590B–4BMCU–02/03
Figure 3. Block Diagram
CLK
PA_ENABLE
ANT2
ANT1
ENABLE
GND
VS
XTAL
VCO
LF
CP
PFD
f
32
XTO
PLL
PA
f
4
Power up /
down
Voltage monitor
External input
UTCM
OSC1
OSC2
I/O bus
EEPROM
RAM
4-bit CPU core
256 x 4 bit
Data direction +
alternate function
Data direction +
interrupt control
Port 4
Port 5
Data direction +
alternate function
Port 6
Timer 3
Brown-out protect.
RESET
Clock management
Timer 1
watchdog timer
Timer 2
Serial interface
Port 1
T2O
SD
SC
T3O
T3I
BP10
BP13
BP20/NTE
BP21
BP22
BP23
RC
oscillators
Crystal
oscillators
4 K x 8 bit
VMI
with modulator
SSI
External
clock input
interval- and
8/12-bit timer
8-bit
timer / counter
with modulator
and demodulator
T2I
EEPROM
2 x 32 x 16 bit
BP40
INT3
SC
T2I
BP41
VMI
SD
BP43
INT3
BP42
T2O
BP53
INT1
BP52
INT1
BP50
INT6
BP51
INT6
BP60
T3O
BP63
T3I
V SS
V DD
NRESET
µC
T48C862



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com