Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862-R8 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # T48C862-R8
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862-R8 Datasheet(HTML) 1 Page - ATMEL Corporation

  T48C862-R8 Datasheet HTML 1Page - ATMEL Corporation T48C862-R8 Datasheet HTML 2Page - ATMEL Corporation T48C862-R8 Datasheet HTML 3Page - ATMEL Corporation T48C862-R8 Datasheet HTML 4Page - ATMEL Corporation T48C862-R8 Datasheet HTML 5Page - ATMEL Corporation T48C862-R8 Datasheet HTML 6Page - ATMEL Corporation T48C862-R8 Datasheet HTML 7Page - ATMEL Corporation T48C862-R8 Datasheet HTML 8Page - ATMEL Corporation T48C862-R8 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 107 page
background image
1
Features
Single Package Fully-integrated 4-bit Microcontroller with RF Transmitter
Low Power Consumption in Sleep Mode (< 1 µA Typically)
Flash Controller for Application Program Available
Maximum Output Power (10 dBm) with Low Supply Current (9.5 mA Typically)
2.0 V to 4.0 V Operation Voltage for Single Li-cell Power Supply
-40
°C to +125°C Operation Temperature
SSO24 Package
About Seven External Components
Description
The T48C862-R8 is a single package dual-chip circuit. It combines a UHF ASK/FSK
transmitter with a 4-bit microcontroller. It supports highly integrated solutions in car
access and tire pressure monitoring applications, as well as manifold applications in
the industrial and consumer segment. It is available for the frequency range of
429 MHz to 439 MHz with data rates up to 32 kbaud.
For further frequency ranges 310 MHz to 330 MHz and 868 MHz to 928 MHz separate
data sheets are available.
The device contains a flash microcontroller.
Figure 1. Application Diagram
Antenna
Micro-
controller
PLL-
Transmitter
T48C862
Keys
UHF ASK/FSK
Receiver
Micro-
controller
Microcontroller
with UHF
ASK/FSK
Transmitter
T48C862-R8
Preliminary
Rev. 4590B–4BMCU–02/03


Similar Part No. - T48C862-R8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T48C862-R3 ATMEL-T48C862-R3 Datasheet
1Mb / 107P
Microcontroller with UHF ASK/FSK Transmitter
T48C862-R4 ATMEL-T48C862-R4 Datasheet
998Kb / 107P
Microcontroller with UHF ASK/FSK Transmitter
More results

Similar Description - T48C862-R8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAM862-8 ATMEL-ATAM862-8 Datasheet
1Mb / 107P
Microcontroller with UHF ASK/FSK Transmitter
ATAR862-4 ATMEL-ATAR862-4 Datasheet
1Mb / 106P
Microcontroller with UHF ASK/FSK Transmitter
ATAR862-8 ATMEL-ATAR862-8 Datasheet
1Mb / 106P
Microcontroller with UHF ASK/FSK Transmitter
T48C862-R3 ATMEL-T48C862-R3 Datasheet
1Mb / 107P
Microcontroller with UHF ASK/FSK Transmitter
ATAR862-4 ATMEL-ATAR862-4_06 Datasheet
1Mb / 112P
Microcontroller with UHF ASK/FSK Transmitter
ATAM862-3 ATMEL-ATAM862-3 Datasheet
1Mb / 110P
Microcontroller with UHF ASK/FSK Transmitter
ATA5771 ATMEL-ATA5771 Datasheet
5Mb / 284P
Microcontroller with UHF ASK/FSK Transmitter
ATA8741 ATMEL-ATA8741 Datasheet
3Mb / 238P
Microcontroller with UHF ASK/FSK Transmitter
ATA8743 ATMEL-ATA8743_14 Datasheet
6Mb / 215P
Microcontroller with UHF ASK/FSK Transmitter
T48C862-R4 ATMEL-T48C862-R4 Datasheet
998Kb / 107P
Microcontroller with UHF ASK/FSK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com