Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862-R8 Datasheet(PDF) 71 Page - ATMEL Corporation

Part # T48C862-R8
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862-R8 Datasheet(HTML) 71 Page - ATMEL Corporation

Back Button T48C862-R8 Datasheet HTML 67Page - ATMEL Corporation T48C862-R8 Datasheet HTML 68Page - ATMEL Corporation T48C862-R8 Datasheet HTML 69Page - ATMEL Corporation T48C862-R8 Datasheet HTML 70Page - ATMEL Corporation T48C862-R8 Datasheet HTML 71Page - ATMEL Corporation T48C862-R8 Datasheet HTML 72Page - ATMEL Corporation T48C862-R8 Datasheet HTML 73Page - ATMEL Corporation T48C862-R8 Datasheet HTML 74Page - ATMEL Corporation T48C862-R8 Datasheet HTML 75Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 107 page
background image
71
T48C862-R8
4590B–4BMCU–02/03
bit controls the direction of the data port (BP43 or MCL_SD). Once started, the 8 data
bits are, depending on the selected direction, either clocked into or out of the shift regis-
ter. During the 9th clock period, the port direction is automatically switched over so that
the corresponding acknowledge bit can be shifted out or read in. In transmit mode, the
acknowledge bit received from the device is captured in the SSI Status Register (TACK)
where it can be read by the controller. In receive mode, the state of the acknowledge bit
to be returned to the device is predetermined by the SSI Status Register (RACK).
Changing the directional mode (TX/RX) should not be performed during the transfer of
an MCL telegram. One should wait until the end of the telegram which can be detected
using the SSI interrupt (IFN =1) or by interrogating the ACT status.
Once started, a 9-bit telegram will always run to completion and will not be prematurely
terminated by the SIR bit. So, if the SIR-bit is set to ‘1’ in telegram, the SSI will complete
the current transfer and terminate the dialog with an MCL stop condition.
Figure 67. Example of MCL Transmit Dialog
7 6 54 32 1
7 65432 10 A
msb
lsb
tx data 1
tx data 2
msb
lsb
Write STB
(tx data 1)
SC
SD
SRDY
ACT
Interrupt
(IFN = 0)
Interrupt
(IFN = 1)
0A
Write STB
(tx data 2)
SIR
SDD
Start
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com