Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862-R8 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # T48C862-R8
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862-R8 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button T48C862-R8 Datasheet HTML 22Page - ATMEL Corporation T48C862-R8 Datasheet HTML 23Page - ATMEL Corporation T48C862-R8 Datasheet HTML 24Page - ATMEL Corporation T48C862-R8 Datasheet HTML 25Page - ATMEL Corporation T48C862-R8 Datasheet HTML 26Page - ATMEL Corporation T48C862-R8 Datasheet HTML 27Page - ATMEL Corporation T48C862-R8 Datasheet HTML 28Page - ATMEL Corporation T48C862-R8 Datasheet HTML 29Page - ATMEL Corporation T48C862-R8 Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 107 page
background image
26
T48C862-R8
4590B–4BMCU–02/03
Figure 21. RC-oscillator 1
External Input Clock
The OSC1 or OSC2 (mask option) can be driven by an external clock source provided it
meets the specified duty cycle, rise and fall times and input levels. Additionally, the
external clock stage contains a supervisory circuit for the input clock. The supervisor
function is controlled via the OS1, OS0-bit in the SC-register and the CCS-bit in the CM-
register. If the external input clock is missing for more than 1 ms and CCS = 0 is set in
the CM-register, the supervisory circuit generates a hardware reset.
Figure 22. External Input Clock
RC-oscillator 2 with External
Trimming Resistor
The RC-oscillator 2 is a high resolution trimmable oscillator whereby the oscillator fre-
quency can be trimmed with an external resistor between OSC1 and V
DD. In this
configuration, the RC-oscillator 2 frequency can be maintained stable with a tolerance of
±10% over the full operating temperature and a voltage range V
DD from 2.5 V to 6.0 V.
For example:
An output frequency at the RC-oscillator 2 of 2 MHz can be obtained by connecting a
resistor R
ext = 360 kW (see Figure 23).
RC
oscillator 1
RcOut1
Stop
Control
RcOut1
Osc-Stop
OS1
OS0
CCS
Supervisor Reset Output (Res)
110
Enable
111
Disable
x
0
x
Disable
Ext. input clock
ExOut
Stop
Ext.
Clock
RcOut1
Osc-Stop
ExIn
CCS
Res
OSC1
OSC2
Clock monitor
Ext.
Clock
or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com