Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8311 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8311
Description  50 dB GSM PA Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8311 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8311 Datasheet HTML 3Page - Analog Devices AD8311 Datasheet HTML 4Page - Analog Devices AD8311 Datasheet HTML 5Page - Analog Devices AD8311 Datasheet HTML 6Page - Analog Devices AD8311 Datasheet HTML 7Page - Analog Devices AD8311 Datasheet HTML 8Page - Analog Devices AD8311 Datasheet HTML 9Page - Analog Devices AD8311 Datasheet HTML 10Page - Analog Devices AD8311 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD8311
Rev. A | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VPOS = 2.7 V; TA = 25°C; CFLT = open; light condition = 600 lux, 52.3 Ω termination; unless otherwise noted. Colors: +25°C = black,
−40°C = blue, +85°C = red.
10
–60
0.2
1.6
VSET (V)
0
–10
–20
–30
–40
–50
0.4
0.6
0.8
1.0
1.2
1.4
0.1GHz
0.9GHz
1.9GHz
2.5GHz
Figure 3. Input Amplitude vs. VSET
10
–60
0.2
1.6
VSET (V)
0
–10
–20
–30
–40
–50
0.4
0.6
0.8
1.0
1.2
1.4
4
–3
3
2
1
0
–1
–2
+85°C
–40°C
+25°C
+85°C
–40°C
+25°C
ERROR AT +85°C AND –40°C
BASED ON DEVIATION FROM
SLOPE AND INTERCEPT AT +25°C
Figure 4. Input Amplitude and Log Conformance vs. VSET at 0.1 GHz
−40°C, +25°C, and +85°C
10
–60
0.2
1.6
VSET (V)
0
–10
–20
–30
–40
–50
0.4
0.6
0.8
1.0
1.2
1.4
4
–3
3
2
1
0
–1
–2
ERROR AT +85°C AND –40°C
BASED ON DEVIATION FROM
SLOPE AND INTERCEPT AT +25°C
+85°C
+85°C
–40°C
+25°C
–40°C
+25°C
Figure 5. Input Amplitude and Log Conformance vs. VSET at 0.9 GHz
−40°C, +25°C, and +85°C
4
–3
0.2
1.6
VSET (V)
3
2
1
0
–1
–2
0.4
0.6
0.8
1.0
1.2
1.4
0.1GHz
2.5GHz
1.9GHz
0.9GHz
Figure 6. Log Conformance vs. VSET
10
–60
0.2
1.6
VSET (V)
0
–10
–20
–30
–40
–50
0.4
0.6
0.8
1.0
1.2
1.4
4
–3
3
2
1
0
–1
–2
+85°C
–40°C
+25°C
+85°C
–40°C
+25°C
ERROR AT +85°C AND –40°C
BASED ON DEVIATION FROM
SLOPE AND INTERCEPT AT +25°C
Figure 7. Input Amplitude and Log Conformance vs. VSET at 1.9 GHz
−40°C, +25°C, and +85°C
10
–60
0.2
1.6
VSET (V)
0
–10
–20
–30
–40
–50
0.4
0.6
0.8
1.0
1.2
1.4
4
–3
3
2
1
0
–1
–2
+85°C
–40°C
+25°C
+85°C
–40°C
+25°C
ERROR AT +85°C AND –40°C
BASED ON DEVIATION FROM
SLOPE AND INTERCEPT AT +25°C
Figure 8. Input Amplitude and Log Conformance vs. VSET at 2.5 GHz
−40°C, +25°C, and +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com