Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8311 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8311
Description  50 dB GSM PA Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8311 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8311 Datasheet HTML 11Page - Analog Devices AD8311 Datasheet HTML 12Page - Analog Devices AD8311 Datasheet HTML 13Page - Analog Devices AD8311 Datasheet HTML 14Page - Analog Devices AD8311 Datasheet HTML 15Page - Analog Devices AD8311 Datasheet HTML 16Page - Analog Devices AD8311 Datasheet HTML 17Page - Analog Devices AD8311 Datasheet HTML 18Page - Analog Devices AD8311 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD8311
Rev. A | Page 15 of 24
TRANSIENT RESPONSE
The time domain response of power amplifier control loops,
using any kind of controller, is only partially determined by the
choice of filter. In the case of the AD8311, the filter has a true
integrator form 1/sT as shown in Equation 7, with a time
constant given by Equation 8. The large signal step response is
also strongly dependent on the form of the gain-control law.
Nevertheless, some simple rules can be applied. When the filter
capacitor CFLT is very large it dominates the time domain
response, but the incremental bandwidth of this loop still varies
as VAPC traverses the nonlinear gain-control function of the PA.
This bandwidth is highest at the point where the slope of the
tangent drawn on the PA power-control curve is greatest—that
is, for power outputs near the center of the PA’s range—and is
much reduced at both the minimum and the maximum power
levels, where the slope of the gain control curve is lowest due to
its S-shaped form.
Using smaller values of CFLT, the loop bandwidth generally
increases in inverse proportion to its value. Eventually, however,
a secondary effect appears due to the inherent phase lag in the
power amplifier’s control path, some of which can be due to
parasitic or deliberately added capacitance at the VAPC pin. This
results in the characteristic poles in the ac loop equation moving
off the real axis and thus becoming complex (and somewhat
resonant). This is a classic aspect of control loop design. The
lowest permissible value of CFLT needs to be determined
experimentally for a particular amplifier. For GSM and DCS
power amplifiers, CFLT typically ranges from 150 pF to 300 pF.
In many cases, some improvement in the worst-case response
time can be achieved by including a small resistor in series with
CFLT; this generates an additional zero in the closed-loop
transfer function, which serves to cancel a higher order pole in
the overall loop. A more complex filter network can be used to
minimize the settling time of the loop—for example, a
combination of the main capacitor, CFLT, shunted by a second
capacitor and resistor series.
MOBILE HANDSET POWER CONTROL EXAMPLE
Figure 31 shows a complete power amplifier control circuit for a
dual mode handset. The PF08123B (Hitachi), a dual mode
(GSM, DCS) PA, is driven by a nominal power level of +3 dBm.
The PA has a single gain control line; the band to be used is
selected by applying either 0 V or 2 V to the PA’s VCTL input.
VAPC
VSET
2
3
VPOS
RFIN
COMM
FLTR
AD8311
1
4
5
6
R1
52.3
Ω
+VS
2.7V
8-BIT
RAMP DAC
0V–2.55V
1R2, R3 OPTIONAL, SEE TEXT
TO
1000pF
BAND
SELECT
0V/+2V
3.5V
1000pF
4.7 F
μ
4.7 F
μ
1000pF
POUT DCS
32dBm MAX
POUT GSM
35dBm MAX
3
4
1
5
8
7
LDC15D190A0007A
6
2
49.9
Ω
ATTN
20dB
PF08123B
VCTL
VAPC
(OPTIONAL,
SEE TEXT)
500
Ω
PIN GSM
3dBm
PIN DCS
3dBm
0.1
μF
R31
1k
Ω
1.5k
Ω
150pF
R21
600
Ω
TO ANTENNA
Figure 31. Dual Mode (GSM/DCS) PA Control Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com