Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8311 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8311
Description  50 dB GSM PA Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8311 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8311 Datasheet HTML 16Page - Analog Devices AD8311 Datasheet HTML 17Page - Analog Devices AD8311 Datasheet HTML 18Page - Analog Devices AD8311 Datasheet HTML 19Page - Analog Devices AD8311 Datasheet HTML 20Page - Analog Devices AD8311 Datasheet HTML 21Page - Analog Devices AD8311 Datasheet HTML 22Page - Analog Devices AD8311 Datasheet HTML 23Page - Analog Devices AD8311 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD8311
Rev. A | Page 21 of 24
Figure 42. Layout of Component Side (WLCSP)
Figure 43. Layout of Circuit Side (WLCSP)
Figure 44. Silkscreen of Component Side (WLCSP)
Figure 45. Silkscreen of Circuit Side (WLCSP)
Table 5. Evaluation Board Configuration Options
Component
Function
Default Condition
VPOS, GND
Supply and Ground Vector Pins.
Not Applicable
R1
Input Interface. The 52.3 Ω resistor in Position R1 combines with the AD8311’s internal input
impedance to give a broadband input impedance of around 50 Ω. Note that the AD8311’s
RF input is internally ac-coupled.
R1 = 52.3 Ω (Size 0402)
R3, R4, C3
Output Interface. R4 and C3 can be used to check the response of VAPC to capacitive and
resistive loading. R3/R4 can be used to reduce the slope of VAPC.
R3 = 0 Ω (Size 0402)
R4 = C3 = open (Size 0402)
C1, C2
Power Supply Decoupling. The nominal supply decoupling consists of a 0.1 μF capacitor at
C1. C2 can be used for additional supply decoupling.
C1 = 0.1 μF (Size 0402)
C2 = 100 pF (Size 0402)
C4, R2
Filter Capacitor. The response time of VAPC can be modified by placing a capacitor between
FLTR (Pin 4) and ground. The control loop phase margin can be increased by adding a series
resistor.
C4 = open (Size 0402)
R2 = 0 Ω (Size 0402)
J1, J2, J3
Measurement Mode. A quasi-measurement mode can be implemented by installing J1 and
J2 (connecting an inverted VAPC to VSET) to yield the nominal relationship between RFIN and
VSET. In this mode, a large capacitor (0.01 μF or greater) must be installed in C4. J3 can be
installed to power the op-amp with the VPOS power supply. Alternately, the op-amp can be
powered with the VS supply pin.
J1, J2 = installed
J3 = installed
R9, R10
Alternate Interface. R5 and R6 allow for VOUT and VSET to be accessible from the edge
connector, which is only used for characterization.
R9 = R10 = open
(Size 0402)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com