Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8311 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8311
Description  50 dB GSM PA Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8311 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8311 Datasheet HTML 9Page - Analog Devices AD8311 Datasheet HTML 10Page - Analog Devices AD8311 Datasheet HTML 11Page - Analog Devices AD8311 Datasheet HTML 12Page - Analog Devices AD8311 Datasheet HTML 13Page - Analog Devices AD8311 Datasheet HTML 14Page - Analog Devices AD8311 Datasheet HTML 15Page - Analog Devices AD8311 Datasheet HTML 16Page - Analog Devices AD8311 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD8311
Rev. A | Page 13 of 24
Equation 6 can be restated as
First, the summed detector currents are written as a function of
the input power.
INT
IN
SLP
DET
I
P
I
I
+
×
=
(3)
()
sT
V
P
V
V
s
V
INT
IN
SLP
SET
APC
−
×
−
=
(7)
where:
where:
VSLP is ISLP × RSET, which has a value of 24 mV/dB.
IDET is the partially filtered demodulated signal, whose steady-
state average value is extracted through the subsequent
integration step.
VINT is the voltage intercept given by IINT × RSET, which has a
value of 1.44 V.
T is the effective time constant for the integration and is equal
to RSET × CFLT/1.35. The factor of 1.35 arises because of the
voltage gain of the buffer.
ISLP is the slope, which has a value of 5.75 μA/dB.
PIN is the input power in dBm (assuming 50 Ω input match).
IINT is the current intercept which, as previously noted, is
dependent on the RF waveform (not the envelope). Assuming
a sinusoidal input, IINT is 350 μA.
So the open-loop integration time constant can be written as
35
.
1
FLT
SET
OpenLoop
C
R
T
×
=
(8)
The current generated by the setpoint interface is simply
SET
SET
SET
R
V
I
=
(4)
To assess the closed-loop performance, refer to the block
diagram in Figure 28 and calculate the loop transfer function.
In general, the buffer time constant (τBUFFER) and the log amp
time constant (τLOGAMP) can be neglected, except in the case of
very high PA control function gains (> than 500 dB/V) and/or
very wide PA control port bandwidths. Assuming that the
frequency response of the output buffer and the log amp can be
neglected, the overall transfer function can be expressed as
where the
RSET resistor is 4.1 kΩ. The difference between this
current and IDET is applied to the loop filter capacitor CFLT. At
this point note that the inclusion of a filter resistor, RFLT, can be
helpful in improving the phase margin at low powers where the
PA control gain (that is, ∂POUT
/∂VAPC) is large, as is described
later in this section. For now assume that RFLT is zero. It follows
that the voltage appearing on this capacitor,
VFLT, is the time-
integral of the difference current.
() (
)
FLT
DET
SET
FLT
sC
I
I
s
V
−
=
(5)
POUT =
[
]
()
(
)
()
()
[]
FLT
PA
PA
SLP
FLT
PA
PA
INT
SLP
SET
sC
s
G
I
sC
s
G
I
I
I
τ
+
×
×
+
×
τ
+
×
×
−
×
+
1
35
.
1
1
)
1
(
1
35
.
1
30
(9)
FLT
INT
IN
SLP
SET
SET
sC
I
P
I
R
V
−
×
−
=
(6)
Here,
GPA is the PA control function gain ∂POUT/∂VAPC given in
dB/V, and the factor of −30 is due to the coupler.
The input power to the log amp, PIN, is given in dBm and
therefore is simply POUT of the PA minus the coupler value,
typically −30 dB, or PIN = POUT − 30.
The control output VAPC is slightly greater than this, since the gain
of the output buffer is ×1.35, plus a slight offset voltage. The
polarity is such that VAPC rises to its maximum value for any value
of VSET greater than the equivalent value of PIN. That is, the
AD8311 seeks to drive the RF power to its maximum value
whenever it falls below the setpoint. The use of exact integration
results in a dc error that is theoretically zero, and the logarithmic
detection law would ideally result in a constant response time
following a step change of either the setpoint or the power level if
the power-amplifier control function were likewise linear-in-dB.
This latter condition is rarely true, however, and it follows that in
practice the loop response time depends on the power level. This
effect can strongly influence the design of the control loop.
Equation 9 assumes that the next parasitic pole in the control
loop comes from the PA. For a typical PA, a 1 MHz pole is not
unusual, making this a good assumption. Therefore, except for
in the case of a very wide bandwidth on the PA control port
(>10 MHz),
the response time and stability of the control loop is
mainly determined by the characteristics of the PA. This is true
for both the gain and the phase response. It is essential to
understand both the magnitude and frequency response of the
power amplifier control port.
1
sCFLT
RFLT
+
IERR
ISET
VFLT
VAPC
1.35
s
τ
BUFFER
1 +
GPA (dB/V)
1 + s
τ
PA
POUT
–30dB
COUPLER
1 + s
τ
LOGAMP
ISLP PIN + IINT
+
_
IDET
PIN
Figure 28. Control Loop Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com