Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8311 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8311
Description  50 dB GSM PA Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8311 Datasheet(HTML) 3 Page - Analog Devices

  AD8311 Datasheet HTML 1Page - Analog Devices AD8311 Datasheet HTML 2Page - Analog Devices AD8311 Datasheet HTML 3Page - Analog Devices AD8311 Datasheet HTML 4Page - Analog Devices AD8311 Datasheet HTML 5Page - Analog Devices AD8311 Datasheet HTML 6Page - Analog Devices AD8311 Datasheet HTML 7Page - Analog Devices AD8311 Datasheet HTML 8Page - Analog Devices AD8311 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD8311
Rev. A | Page 3 of 24
SPECIFICATIONS
VPOS = 2.7 V, Frequency = 0.1 GHz, TA = 25°C, 52.3 Ω termination on RFIN, light condition = 600 lux, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
SPECIFIED FREQUENCY RANGE
RFIN (Pin 6)
0.1
2.5
GHz
MEASUREMENT MODE1 (f = 0.1 GHz)
Input Impedance
No termination resistor on RFIN
2140 || 1.97
Ω || pF
1 dB Dynamic Range
TA = +25°C
47
dB
−40°C < TA < +85°C
46
dB
Maximum Input Level
±1 dB error
+2
+2.6
dBm
Minimum Input Level
±1 dB error
−44.5
−44
dBm
Slope2
21.5
23.8
25.5
mV/dB
Intercept2
−66
−58.9
−51
dBm
VSET Voltage—High Power In
PIN = –10 dBm
1.16
V
VSET Voltage—Low Power In
PIN = –40 dBm
0.45
V
Temperature Sensitivity
PIN = –10 dBm
25
C ≤ T
A
≤ +85
C
−0.0020
dB/°C
−40
C ≤ T
A
≤ +25°C
+0.0121
dB/°C
MEASUREMENT MODE (f = 0.9 GHz)
Input Impedance
No termination resistor on RFIN
370 || 1.58
Ω || pF
1 dB Dynamic Range
TA = +25
C
51
dB
−40
C < T
A
< +85
C
50
dB
Maximum Input Level
±1 dB error
+2.8
dBm
Minimum Input Level
±1 dB error
−47.9
dBm
Slope2
23.6
mV/dB
Intercept2
−59.7
dBm
VSET Voltage—High Power In
PIN = –10 dBm
1.17
V
VSET Voltage—Low Power In
PIN = –40 dBm
0.46
V
Temperature Sensitivity
PIN = –10 dBm
25
C ≤ T
A
≤ +85
C
0.0015
dB/°C
−40
C ≤ T
A
≤ +25
C
0.0094
dB/°C
MEASUREMENT MODE (f = 1.9 GHz)
Input Impedance
No termination resistor on RFIN
180 || 1.67
Ω || pF
1 dB Dynamic Range
TA = +25°C
42
dB
−40°C < TA < +85°C
41
dB
Maximum Input Level
±1 dB error
−5.6
dBm
Minimum Input Level
±1 dB error
−48.0
dBm
Slope2
22.7
mV/dB
Intercept2
−60.8
dBm
VSET Voltage—High Power In
PIN = –10 dBm
1.15
V
VSET Voltage—Low Power In
PIN = –40 dBm
0.47
V
Temperature Sensitivity
PIN = –10 dBm
25°C ≤ TA ≤ +85°C
0.0056
dB/°C
−40°C ≤ TA ≤ +25°C
0.0077
dB/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com