Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8311 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8311
Description  50 dB GSM PA Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8311 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8311 Datasheet HTML 16Page - Analog Devices AD8311 Datasheet HTML 17Page - Analog Devices AD8311 Datasheet HTML 18Page - Analog Devices AD8311 Datasheet HTML 19Page - Analog Devices AD8311 Datasheet HTML 20Page - Analog Devices AD8311 Datasheet HTML 21Page - Analog Devices AD8311 Datasheet HTML 22Page - Analog Devices AD8311 Datasheet HTML 23Page - Analog Devices AD8311 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD8311
Rev. A | Page 20 of 24
EVALUATION BOARD
Figure 41 shows the schematic of the AD8311 WLCSP
evaluation board. The layout and silkscreen of the component
and circuit sides are shown in Figure 42 to Figure 45. The board
is powered by a single supply in the range 2.7 V to 5.5 V. The
power supply is decoupled by a 0.1 μF capacitor. A 100 pF
capacitor provides additional supply decoupling, but is not
necessary for basic operation.
Table 5 details the various configuration options of the
evaluation board.
For operation in controller mode, both jumpers J1 and J2
should be removed. The setpoint voltage is applied to VSET,
RFIN is connected to the RF source (PA output or directional
coupler), and VAPC is connected to the gain control pin of the
PA. When used in controller mode, a capacitor must be
installed in C4 for loop stability (R2 must also be installed, 0 Ω
by default). For GSM/DCS handset power amplifiers, this
capacitor should typically range from 150 pF to 300 pF.
A quasi-measurement mode (where the AD8311 delivers an
output voltage that is proportional to the log of the input signal)
can be implemented, to establish the relationship between VSET
and RFIN, by installing the two jumpers J1 and J2. This mimics
an AGC loop. To establish the transfer function of the log amp,
the RF input should be swept while the voltage on VSET is
measured, that is, the SMA connector labeled VSET now acts as
an output. This is the simplest method to validate operation of
the evaluation board. When operated in this mode, a large
capacitor (0.01 μF or greater) must be installed in C4 (filter
capacitor) to ensure loop stability. The op amp must be powered
with a nominal voltage of 2.7 V to 5.5 V with the VS supply.
Alternately, J3 can be installed to power the op amp with the
AD8311’s VPOS power supply.
1
2
3
VAPC
VPOS
AD8311
6
5
4
VSET
COMM
RFIN
FTLR
C2
100pF
C1
0.1
μF
52.3
Ω
VPOS
RFIN
VAPC
0
Ω
R3
R4
(OPEN)
C3
(OPEN)
J2
R1
(OPEN)
C4
0
Ω
R2
J1
R10
(OPEN)
R5
10k
Ω
R8
17.8k
Ω
(OPEN)
R9
TO EDGE
CONNECTOR
R6
10k
Ω
R7
16.2k
Ω
VPOS
0.1
μF
C5
0.1
μF
C6
VSET
(OPEN)
C7
J3
VS
TO EDGE
CONNECTOR
Figure 41. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com