Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8311 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8311
Description  50 dB GSM PA Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8311 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8311 Datasheet HTML 6Page - Analog Devices AD8311 Datasheet HTML 7Page - Analog Devices AD8311 Datasheet HTML 8Page - Analog Devices AD8311 Datasheet HTML 9Page - Analog Devices AD8311 Datasheet HTML 10Page - Analog Devices AD8311 Datasheet HTML 11Page - Analog Devices AD8311 Datasheet HTML 12Page - Analog Devices AD8311 Datasheet HTML 13Page - Analog Devices AD8311 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8311
Rev. A | Page 10 of 24
25
21
0
2.5
FREQUENCY (GHz)
23
23
22
0.5
1.0
1.5
2.0
+25°C
–40°C
+85°C
Figure 21. Slope vs. Frequency
−40°C, +25°C, and +85°C
25
21
VPOS (V)
23
23
22
2.5
5.5
3.0
3.5
4.0
4.5
5.0
0.1GHz
0.9GHz
1.9GHz
2.5GHz
Figure 22. Slope vs. Supply Voltage
–55
–65
0
2.5
FREQUENCY (GHz)
–57
–61
–63
0.5
1.0
1.5
2.0
–59
+25°C
–40°C
+85°C
Figure 23. Intercept vs. Frequency
−40°C, +25°C, and +85°C
–58
–63
2.5
5.5
VPOS (V)
–59
–61
–62
3.0
3.5
4.0
4.5
–60
5.0
0.1GHz
0.9GHz
1.9GHz
2.5GHz
Figure 24. Intercept vs. Supply Voltage
Table 4. Typical Specifications at Selected Frequencies at 25°C (Mean and Sigma)
±1 dB Dynamic Range
Slope (mV/dB)
Intercept (dBm)
Low Point (dBm)
High Point (dBm)
Frequency (GHz)
Mean
Sigma
Mean
Sigma
Mean
Sigma
Mean
Sigma
0.1
23.8
0.1
−58.9
0.4
−44.5
0.8
+2.6
0.3
0.9
23.6
0.1
−59.7
0.4
−47.9
0.3
+2.8
0.1
1.9
22.7
0.1
−60.8
0.5
−48.0
0.6
−5.6
0.6
2.5
22.5
0.1
−60.6
0.5
−47.7
0.6
−6.2
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com