Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8311 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8311
Description  50 dB GSM PA Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8311 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8311 Datasheet HTML 4Page - Analog Devices AD8311 Datasheet HTML 5Page - Analog Devices AD8311 Datasheet HTML 6Page - Analog Devices AD8311 Datasheet HTML 7Page - Analog Devices AD8311 Datasheet HTML 8Page - Analog Devices AD8311 Datasheet HTML 9Page - Analog Devices AD8311 Datasheet HTML 10Page - Analog Devices AD8311 Datasheet HTML 11Page - Analog Devices AD8311 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8311
Rev. A | Page 8 of 24
3
–3
–60
10
RF INPUT AMPLITUDE (dBm)
2
1
0
–1
–2
–50
–40
–30
–20
–10
0
–40°C
+85°C
+25°C
Figure 9. Distribution of Error over Temperature After Ambient Normalization
vs. Input Amplitude at 0.1 GHz
3
–3
–60
10
RF INPUT AMPLITUDE (dBm)
2
1
0
–1
–2
–50
–40
–30
–20
–10
0
–40°C
+85°C
+25°C
Figure 10. Distribution of Error over Temperature after Ambient
Normalization vs. Input Amplitude at 0.9 GHz
3.5
2.3
2.7
3.5
VPOS (V)
3.3
3.1
2.9
2.7
2.5
2.8
2.9
3.0
3.1
3.2
3.3
3.4
0mA
2mA
4mA
6mA
Figure 11. Maximum VAPC Voltage vs. Supply Voltage by Load Current
3
–3
–60
10
RF INPUT AMPLITUDE (dBm)
2
1
0
–1
–2
–50–40–30–20–10
0
–40°C
+85°C
+25°C
Figure 12. Distribution of Error over Temperature After Ambient
Normalization vs. Input Amplitude at 1.9 GHz
3
–3
–60
10
RF INPUT AMPLITUDE (dBm)
2
1
0
–1
–2
–50–40
–30–20–10
0
–40°C
+85°C
+25°C
Figure 13. Distribution of Error over Temperature after Ambient
Normalization vs. Input Amplitude at 2.5 GHz
100MHz
900MHz
1.9GHz
2.5GHz
START FREQUENCY = 0.05GHz
STOP FREQUENCY = 3.5GHz
Figure 14. Input Impedance vs. Frequency, No Termination Resistor on RFIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com