Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8311 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8311
Description  50 dB GSM PA Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8311 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8311 Datasheet HTML 12Page - Analog Devices AD8311 Datasheet HTML 13Page - Analog Devices AD8311 Datasheet HTML 14Page - Analog Devices AD8311 Datasheet HTML 15Page - Analog Devices AD8311 Datasheet HTML 16Page - Analog Devices AD8311 Datasheet HTML 17Page - Analog Devices AD8311 Datasheet HTML 18Page - Analog Devices AD8311 Datasheet HTML 19Page - Analog Devices AD8311 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD8311
Rev. A | Page 16 of 24
Some of the output power from the PA is coupled off using a
dual-band directional coupler (Murata part number
LDC15D190A0007A). This has a coupling factor of
approximately +19 dB for the GSM band and +14 dB for DCS
and an insertion loss of 0.38 dB and 0.45 dB, respectively.
Because the PF08107B transmits a maximum power level of
+35 dBm for GSM and +32 dBm for DCS, additional
attenuation of 20 dB is required before the coupled signal is
applied to the AD8311. This results in peak input levels to the
AD8311 of −4 dBm (GSM) and −2 dBm (DCS). While the
AD8311 gives a linear response for input levels up to +2 dBm,
for highly temperature-stable performance at maximum PA
output power the maximum input level should be limited to
approximately −2 dBm (see Figure 5 and Figure 7). This does,
however, reduce the sensitivity of the circuit at the low end.
The operational setpoint voltage, in the range 250 mV to 1.4 V,
is applied to the VSET pin of the AD8311. This typically is
supplied by a DAC. The AD8311’s VAPC output drives the level
control pin of the power amplifier directly. VAPC reaches a
maximum value of approximately 2.5 V on a 2.7 V supply while
delivering the 3 mA required by the level control input of the
PA. This is more than sufficient to exercise the gain control
range of the PA.
During initialization and completion of the transmit sequence,
VAPC should be held at its minimum level of 300 mV by keeping
VSET below 150 mV.
In this example, VSET is supplied by an 8-bit DAC that has an
output range from 0 V to 2.55 V or 10 mV per bit. This sets the
control resolution of VSET to 0.4 dB/bit (0.04 dB/mV times
10 mV). If finer resolution is required, the DAC’s output voltage
can be scaled using two resistors as shown. This converts the
DAC’s maximum voltage of 2.55 V down to 1.6 V and increases
the control resolution to 0.25 dB/bit.
A filter capacitor (CFLT) must be used to stabilize the loop. The
choice of CFLT depends to a large degree on the gain control
dynamics of the power amplifier, something that is frequently
poorly characterized, so some trial and error might be
necessary.
In this example, a 150 pF capacitor is used and a 1.5 kΩ series
resistor is included. This adds a zero to the control loop and
increases the phase margin, which helps to make the step
response of the circuit more stable when the PA output power is
low and the slope of the PA’s power control function is the
steepest.
A smaller filter capacitor can be used by inserting a series
resistor between VAPC and the control input of the PA. A series
resistor works with the input impedance of the PA to create a
resistor divider, which reduces the loop gain. The size of the
resistor divider ratio depends on the available output swing of
VAPC and the required control voltage on the PA.
This technique can also be used to limit the control voltage in
situations where the PA cannot deliver the power level being
demanded by VAPC. Overdrive of the control input of some
PAs causes increased distortion. It should be noted, however,
that if the control loop opens (that is, VAPC goes to its maximum
value in an effort to balance the loop), the quiescent current of
the AD8311 increases somewhat, particularly at supply voltages
greater than 3 V.
Figure 32 shows the relationship between VSET and output
power (POUT) at 0.9 GHz. The overall gain control function is
linear in dB for a dynamic range of over 40 dB. Note that for
VSET voltages below 300 mV, the output power drops off steeply
as VAPC drops toward its minimum level of 300 mV.
40
–20
0
1.6
SETPOINT VOLTAGE (V)
30
20
10
0
–10
0.2
0.4
0.6
0.8
1.0
1.2
1.4
3
–3
2
1
0
–1
–2
–40°C
+25°C
+85°C
–40°C
+25°C
+85°C
Figure 32. POUT vs. VSET at 0.9 GHz for Dual Mode Handset
Power Amplifier Application;
−40°C, +25°C, and +85°C
POWER-ON AND POWER-OFF
The AD8311 can be completely disabled by pulling the supply
voltage to ground. The voltage on VSET should be kept below
150 mV during power-on and power-off to prevent any
unwanted transients on VAPC.
INPUT COUPLING OPTIONS
The internal 5 pF coupling capacitor of the AD8311 and the low
frequency input impedance of 2.14 kΩ give a high-pass input
corner frequency of approximately 16 MHz. This sets the
minimum operating frequency. Figure 33, Figure 34, and
Figure 35 shows three options for input coupling. A broadband
resistive match can be implemented by connecting a shunt
resistor to ground at RFIN (Figure 33). This 52.3 Ω resistor
(other values can also be used to select different overall input
impedances) combines with the input impedance of the
AD8311 to give a broadband input impedance of 50 Ω. While
the input resistance and capacitance (CIN and RIN) of the
AD8311 vary from device to device by approximately ±20%, as
well as in the same device over a range of frequencies
(Figure 14), the dominance of the external shunt resistor means
that the variation in the overall input impedance is close to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com