Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMF Datasheet(PDF) 4 Page - Arista Networks, Inc

Part # DMF
Description  DANZ Monitoring Fabric™ Simple, Scalable, Economical
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DMF Datasheet(HTML) 4 Page - Arista Networks, Inc

  DMF Datasheet HTML 1Page - Arista Networks, Inc DMF Datasheet HTML 2Page - Arista Networks, Inc DMF Datasheet HTML 3Page - Arista Networks, Inc DMF Datasheet HTML 4Page - Arista Networks, Inc DMF Datasheet HTML 5Page - Arista Networks, Inc DMF Datasheet HTML 6Page - Arista Networks, Inc DMF Datasheet HTML 7Page - Arista Networks, Inc DMF Datasheet HTML 8Page - Arista Networks, Inc DMF Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Datacenter networks are transitioning to modern 10G/40G,
25G/100G, and 40G/100G designs to meet the demands of
cloud computing, data analytics, and 4G/5G LTE mobile services.
The corresponding traffic monitoring networks also need to
transition to next-generation designs. The exponential growth
in data center size, bandwidth, and traffic and the demand
for monitoring a greater portion of network traffic together
test the limits of traditional monitoring/visibility designs. The
traditional box-by-box approach based on proprietary network
packet brokers (NPBs) has proven to be cost-prohibitive and too
operationally complex for organization-wide monitoring.
With DMF scale-out architecture, simplified operations, and
open switch economics, DMF is rapidly becoming an attractive
alternative to legacy NPBs. Two popular use cases have
emerged:
•
Pervasive security and visibility: monitor or secure every
link.
•
Multi-site Monitoring: monitor or secure remote DCs/POPs/
branches/sites/environments.
DMF supports topology agnostic, highly scalable fabrics.
Depending on the customers’ requirements, a range of
topologies is supported—from a single-switch fabric to a scale-
out, multi-switch/ multi-layer fabric. A typical multi-layer DMF
fabric design has a layer of switches labeled as filter switches
and a layer of switches labeled as delivery switches. Most switch
interfaces in the filter-switch layer are wired to passive optical
taps or switch/router/ firewall SPAN ports in the production
network; they are configured as filter interfaces in the DMF
controller software user interface. Switch interfaces in the
delivery-switch layer are wired to tools and are configured as
delivery interfaces. Filter interfaces (where packets come into
the fabric) and delivery interfaces (where packets go out of the
fabric to tools) represent the primary functions of DMF.
Monitor every location: Enterprises can extend DMF across L3
WAN to enable monitoring of remote DCs/POPs, colo facilities,
campus/branch locations, and retail environments. This allows
centralized monitoring tools and staff in a few data centers,
dramatically reducing CapEx and Opex while empowering
operations teams to monitor networks across the entire
organization. By simply deploying a commodity Ethernet switch
at each monitored location, the entire DMF (including remote
location switches) is operated and managed centrally via the
DMF controller with high availability.
Datasheet
arista.com
arista.com
arista.com
arista.com
4
Feature
Description / Benefit
Advanced Filtering & Deeper
Packet Matching Capabilities
• L2/L3/L4 header filtering on ingress and packet replication (as required) in the fabric
for multiple egress tools.
• Deeper Packet Matching (DPM) with masking (up to 128 bytes in packet). Supports
matching on inner header fields for encapsulated packets (e.g MPLS, VXLAN, GRE)
and/or protocols (e.g. GTP, SCTP).
• IPv4 and IPv6 based filtering.
• IPv4, IPv6, MAC Address masking, TCP Flags, DSCP matching.
• Support filtering on inner VLAN of a Q-in-Q packet
• Support PTP timestamping the packets
Specialized Packet Functions
• Packet De-duplication—Enhances tool efficiency, by dropping duplicate packets.
• Packet Slicing—Improves security and tool throughput by stripping off the payload.
• TCP Session Slicing - Improves tool throughput by forwarding only a few packets at
the beginning of the TCP session.
• Packet Masking—Improves security by hiding user/confidential information such as
Credit card, SSN, passwords, medical or financial data to comply with SOX, HIPAA, and
PCI regulations.
• Regex Pattern matching—Improves filtering of traffic based on regex patterns
anywhere within the packet.
• Header stripping for VXLAN, Cisco Fabric Path, LISP, GENEVE, PPPoE, ERSPAN, and
MPLS packets. A generic user-defined header stripping function is also supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com