Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMF Datasheet(PDF) 1 Page - Arista Networks, Inc

Part # DMF
Description  DANZ Monitoring Fabric™ Simple, Scalable, Economical
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DMF Datasheet(HTML) 1 Page - Arista Networks, Inc

  DMF Datasheet HTML 1Page - Arista Networks, Inc DMF Datasheet HTML 2Page - Arista Networks, Inc DMF Datasheet HTML 3Page - Arista Networks, Inc DMF Datasheet HTML 4Page - Arista Networks, Inc DMF Datasheet HTML 5Page - Arista Networks, Inc DMF Datasheet HTML 6Page - Arista Networks, Inc DMF Datasheet HTML 7Page - Arista Networks, Inc DMF Datasheet HTML 8Page - Arista Networks, Inc DMF Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DANZ Monitoring Fabric™
Our mission is to deliver next-generation
data center networking and monitoring
solutions — enabling enterprises to realize
the benefits of simplified productivity,
improved scalability, and pervasive security
with a dramatically improved TCO.
DANZ Monitoring Fabric is a next-
generation network packet broker
(NPB) architected for pervasive, network
visibility delivering real-time and historical
insights into your physical and virtual
environments.
DANZ Monitoring Fabric Overview
DANZ Monitoring Fabric (DMF) is the industry’s first network packet broker
(NPB) that leverages an SDN-controlled fabric using high-performance,
merchant-silicon switches, and industry-standard x86 servers to deploy highly
scalable, agile, and flexible network visibility and security solutions. Traditional
box-based, hardware-centric NPBs are architecturally constrained to meet
emerging security and visibility demands of cloud-native data centers. DMF
addresses the challenges of traditional NPB solutions, by enabling a scale-out
fabric for enterprise-wide security and monitoring, a single pane of glass for
operational simplicity, and multi-tenancy for multiple IT (NetOps, DevOps,
SecOps) teams.
Arista Networks
Simple, Scalable, Economical
Architecture: SDN Software powered Pervasive Network Visibility
DMF’s architecture is inspired by Hyperscale Networking designs, which consist
of merchant-silicon switch hardware, SDN controller software, and centralized
tool deployment.
The DMF architecture consists of the following components:
• High-availability pair of SDN-enabled DMF controllers — VMs or hardware
appliances — that enable centralized configuration and simplified
monitoring and troubleshooting.
• Merchant-silicon switches - Leverages high-performance, production-
grade switches from Arista, Dell and Accton.
• DMF Service Node (optional). DPDK-powered, x86-based appliance that
connects to the DMF fabric (either singly or as part of a service-node chain)
to provide advanced packet functions like deduplication, packet slicing,
header stripping, regex matching, packet masking, UDP replication, and
IPFIX/NetFlow generation.
• DMF Recorder Node (optional). x86-based appliance that connects to
the DMF fabric, managed by the controller to provide petabyte packet
recording, querying, and replay functions.
• DMF Analytics Node (optional). x86-based appliance that integrates with
the DMF fabric to provide multi-terabit, security, and performance analytics
with configurable historical time-series dashboards.
arista.com
arista.com
arista.com
arista.com
1
Datasheet


Similar Part No. - DMF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
DMF SKYWORKS-DMF Datasheet
1Mb / 20P
Silicon Beam-Lead Schottky Mixer Diodes – Singles, Pairs, and Quads in Ceramic Hermetic Packages
April 18, 2017
logo
Arista Networks, Inc
DMF ARISTA-DMF Datasheet
235Kb / 3P
Multi-Cloud Director™ Unified Multi-Controller Management For DMF and CCF
November 16 021
logo
Merrimac Industries, In...
DMF-10A-300 MERRIMAC-DMF-10A-300 Datasheet
98Kb / 1P
DOUBLE BALANCED MIXER
DMF-2A-1700SQ MERRIMAC-DMF-2A-1700SQ Datasheet
297Kb / 1P
DOUBLE BALANCED MIXER
DMF-2A-250 MERRIMAC-DMF-2A-250 Datasheet
81Kb / 1P
DOUBLE BALANCED MIXERS
More results

Similar Description - DMF

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM9311 PMC-PM9311 Datasheet
42Kb / 2P
Enhanced TT1TM Switch Fabric
logo
Applied Micro Circuits ...
PRS5G AMCC-PRS5G Datasheet
276Kb / 4P
Switch Fabric
PRS16G AMCC-PRS16G Datasheet
344Kb / 3P
Switch Fabric
PRS80G AMCC-PRS80G Datasheet
349Kb / 4P
Switch Fabric
PRSQ-80G AMCC-PRSQ-80G Datasheet
368Kb / 4P
Switch Fabric
logo
List of Unclassifed Man...
LSW4-GT-8EP_W-TW ETC2-LSW4-GT-8EP_W-TW Datasheet
382Kb / 1P
Switching Fabric
logo
Ohmite Mfg. Co.
RES-40 OHMITE-RES-40 Datasheet
378Kb / 2P
Economical
logo
Alpha & Omega Semicondu...
AOZ1017A AOSMD-AOZ1017A Datasheet
569Kb / 15P
EZBuck™ 3A Simple Regulator
Rev. 1.2 April 2009
logo
Bertech.
AFWSB BERTECH-AFWSB Datasheet
113Kb / 1P
ESD Fabric Wrist Straps
logo
Renesas Technology Corp
89TSF500 RENESAS-89TSF500 Datasheet
878Kb / 38P
Switch Fabric
April 13, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com