Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMF Datasheet(PDF) 3 Page - Arista Networks, Inc

Part # DMF
Description  DANZ Monitoring Fabric™ Simple, Scalable, Economical
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DMF Datasheet(HTML) 3 Page - Arista Networks, Inc

  DMF Datasheet HTML 1Page - Arista Networks, Inc DMF Datasheet HTML 2Page - Arista Networks, Inc DMF Datasheet HTML 3Page - Arista Networks, Inc DMF Datasheet HTML 4Page - Arista Networks, Inc DMF Datasheet HTML 5Page - Arista Networks, Inc DMF Datasheet HTML 6Page - Arista Networks, Inc DMF Datasheet HTML 7Page - Arista Networks, Inc DMF Datasheet HTML 8Page - Arista Networks, Inc DMF Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DMF switches are deployed adjacent to the production network
by connecting to SPAN / TAP ports from the production network.
The DMF controller serves as the single, central point of
management for all deployed switches. The controller enables
pervasive security and visibility for physical, and virtual
workloads for single, and multi-site deployments.
DMF provides both basic and advanced NPB functions. In
addition to basics such as filtering, aggregation, replication, and
load-balancing, it also provides advanced packet functions like
deduplication and packet slicing. DMF’s advanced functions
leverage the DPDK-powered, x86-based service nodes,
supported by unique multi-tenant, monitoring-as-a-service
functions on a scaled-out switch fabric managed centrally by the
DMF controller. DMF Controller also integrates with x86-based
analytics and recorder nodes to capture cloud-native data center
traffic at scale. The nodes also support deep application-level
analytics. The DMF Recorder Node allows high-performance
packet recording, querying, and replay functions. The DMF
Analytics Node provides unprecedented network visibility to
monitor, discover, and troubleshoot network and application
performance issues, as well as accelerate the discovery of root
causes of security breaches. With DMF Recorder and Analytics
nodes, users can achieve deep network telemetry for traditional
data center environments. With these tools, the network team
can replay past conversations across users and applications with
a single click.
DANZ Monitoring Fabric Product Description
Datasheet
arista.com
arista.com
arista.com
arista.com
Figure 2: DANZ Monitoring Fabric Graphical User Interface (GUI)
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com