Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMF Datasheet(PDF) 13 Page - Arista Networks, Inc

Part # DMF
Description  DANZ Monitoring Fabric™ Simple, Scalable, Economical
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DMF Datasheet(HTML) 13 Page - Arista Networks, Inc

Back Button DMF Datasheet HTML 6Page - Arista Networks, Inc DMF Datasheet HTML 7Page - Arista Networks, Inc DMF Datasheet HTML 8Page - Arista Networks, Inc DMF Datasheet HTML 9Page - Arista Networks, Inc DMF Datasheet HTML 10Page - Arista Networks, Inc DMF Datasheet HTML 11Page - Arista Networks, Inc DMF Datasheet HTML 12Page - Arista Networks, Inc DMF Datasheet HTML 13Page - Arista Networks, Inc DMF Datasheet HTML 14Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Datasheet
arista.com
arista.com
arista.com
arista.com
13
Feature
Technical Specifications
DCA-DM-RA3
Processor
Intel Xeon 2 sockets
(20 cores)
Form Factor (H x W x D)
2U Rack Server
(8.68cm x 43.4cm x 71.6cm)
Weight
73 lbs
Memory
16 x 16GB
Hard Drive
16 x 12TB SAS HDD,
2 x 7.68TB SAS SSD
Networking
2 x 1Gb Base-T; 2 x 25Gb;
2 x 10Gb Base-T
Power
Input Power: 730 watts
Max Power : 1111.7 watts
Input Current: 6.6 Amps
Input Voltage: 100V - 240V auto-sensing
Mean Time Between Critical
Failures (MTBCF)
81,700 hours
DMF Recorder Node Hardware Appliance Specification (DCA-DM-RA3)
The DMF Recorder Node appliance is an enterprise-class, NEBS Level 3 & ETSI compliant, 2-socket, rack-mount hardware appliance,
designed to deliver the right combination of performance, capacity, and value. It is available in a 2RU form-factor, supporting a
1x25G interface and a total available storage of 192TB.
The DMF Recorder Node provides high-performance packet recording, querying, and replay functions. Once connected to
the fabric, the DMF controller auto-discovers the recorder node, ensuring a single point of configuration and device lifecycle
management. Multiple recorder nodes can be clustered together to present a view of a single, logical recorder node that allows
users to store more network traffic for longer periods and retrieve packets from the single logical recorder node interface via the
controller. This architecture provides true scale-out characteristics while maintaining the agility and simplicity in the user workflows.
The recorder node provides feature-rich capture, query, and replay functions. The recorder node allows the user to replay the
specifics of an event to derive the root cause and predict future trends for various performance issues and security threats.
Arista DMF Recorder Node: DCA-DM-RA3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com