Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMF Datasheet(PDF) 10 Page - Arista Networks, Inc

Part # DMF
Description  DANZ Monitoring Fabric™ Simple, Scalable, Economical
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DMF Datasheet(HTML) 10 Page - Arista Networks, Inc

Back Button DMF Datasheet HTML 6Page - Arista Networks, Inc DMF Datasheet HTML 7Page - Arista Networks, Inc DMF Datasheet HTML 8Page - Arista Networks, Inc DMF Datasheet HTML 9Page - Arista Networks, Inc DMF Datasheet HTML 10Page - Arista Networks, Inc DMF Datasheet HTML 11Page - Arista Networks, Inc DMF Datasheet HTML 12Page - Arista Networks, Inc DMF Datasheet HTML 13Page - Arista Networks, Inc DMF Datasheet HTML 14Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Datasheet
arista.com
arista.com
arista.com
arista.com
10
DMF Service Node Hardware Appliance Specification (DCA-DM-SC2, DCA-DM-SDL, , DCA-DM-SEL)
The DMF Service Node appliance is an enterprise-class, 2-socket, rack-mount hardware appliance, designed to deliver the right
combination of performance and value.
It is available in 3 form-factors:
• 1U w/ 4x10G bidirectional interfaces.
• 2U w/ 16x10G bidirectional interfaces.
• 2U w/ 16x25G bidirectional interfaces
The DMF Service Node provides specialized packet functions like deduplication, packet slicing, header stripping, regex matching,
packet masking, UDP replication, and IPFIX/NetFlow generation. Once connected to the fabric, the DMF controller auto-discovers
the service node and becomes the single, central point of management and configuration of the service node. This highly scalable
architecture allows chaining of multiple service nodes that are connected to the fabric via the service node chaining function of the
DMF.
Arista DMF Service Node: DCA-DM-SC2
Arista DMF Service Node: DCA-DM-SDL
Arista DMF Service Node: DCA-DM-SEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com