Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMF Datasheet(PDF) 11 Page - Arista Networks, Inc

Part # DMF
Description  DANZ Monitoring Fabric™ Simple, Scalable, Economical
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DMF Datasheet(HTML) 11 Page - Arista Networks, Inc

Back Button DMF Datasheet HTML 6Page - Arista Networks, Inc DMF Datasheet HTML 7Page - Arista Networks, Inc DMF Datasheet HTML 8Page - Arista Networks, Inc DMF Datasheet HTML 9Page - Arista Networks, Inc DMF Datasheet HTML 10Page - Arista Networks, Inc DMF Datasheet HTML 11Page - Arista Networks, Inc DMF Datasheet HTML 12Page - Arista Networks, Inc DMF Datasheet HTML 13Page - Arista Networks, Inc DMF Datasheet HTML 14Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Datasheet
arista.com
arista.com
arista.com
arista.com
11
Feature
Technical Specifications
DCA-DM-SC2
Service Node (4 x10G)
DCA-DM-SDL
Service Node (16 x 10G)
DCA-DM-SEL
Service Node (16 x 25G)
Processor
Intel Xeon 1 socket (12 cores)
Intel Xeon 2 socket (12 cores)
Intel Xeon 2 socket (20 cores)
Form Factor
(H x W x D)
1U Rack Server
4.28cm x 43.4cm x 75.7cm
2U Rack Server
8.68cm x 43.40cm x 48.20cm
2U Rack Server
8.68cm x 43.40cm x 48.20cm
Weight
48.3 lbs
73 lbs
73 lbs
Memory
6 x 8GB RDIMM, 3200 MT/s,
Single Rank
12 x 8GB RDIMM, 3200 MT/s,
Single Rank
24 x 16GB, 3200 MT/S, Dual Rank
Hard Drive
1 x 960GB SSD
1 x 960GB SSD
1 x 960GB SSD
Networking
4 x 10Gb; 2 x 10Gb + 2 x 1Gb
16 x 10Gb; 2 x 10Gb + 2 x 1Gb
16 x 25Gb;
2 x 1Gb; 2 x 10Gb
Power
Input Power: 196 watts
Max Power : 308 watts
Input Current: 1.8 Amps
Input Voltage: 100V - 240V auto-
sensing
Input Power: 318 watts
Max Power : 569 watts
Input Current: 2.9 Amps
Input Voltage: 100V - 240V auto-
sensing
Input Power: 568 watts
Max Power : 846 watts
Input Current: 5.2 Amps
Input Voltage: 100V - 240V auto-
sensing
Mean Time
Between
Critical
Failures
(MTBCF)
119,000 hours
62,700 hours
102,000 hours



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com