Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMF Datasheet(PDF) 12 Page - Arista Networks, Inc

Part # DMF
Description  DANZ Monitoring Fabric™ Simple, Scalable, Economical
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DMF Datasheet(HTML) 12 Page - Arista Networks, Inc

Back Button DMF Datasheet HTML 6Page - Arista Networks, Inc DMF Datasheet HTML 7Page - Arista Networks, Inc DMF Datasheet HTML 8Page - Arista Networks, Inc DMF Datasheet HTML 9Page - Arista Networks, Inc DMF Datasheet HTML 10Page - Arista Networks, Inc DMF Datasheet HTML 11Page - Arista Networks, Inc DMF Datasheet HTML 12Page - Arista Networks, Inc DMF Datasheet HTML 13Page - Arista Networks, Inc DMF Datasheet HTML 14Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Feature
Technical Specification
Processor
Intel Xeon 2 sockets (12 cores)
Form Factor (H x W x D)
1U Rack Server (4.28cm x 43.4cm x 69.3cm)
Weight
41 lbs
Memory
8 x 16GB
Hard Drive
2 x 2TB SATA, 2 x 1.92 TB SSD SAS
Networking
2 x 1Gb; 2 x 10Gb; 2 x 10Gb Base-T
Power
Input Power: 384 watts
Max Power : 559.9 watts
Input Current: 1.7 Amps
Input Voltage: 100V - 240V auto-sensing
Mean Time Between Critical
Failures (MTBCF)
85,200 hours
DMF Analytics Node Hardware Appliance Specification (DCA-DM-AN450)
The DMF Analytics Node appliance is an enterprise-class, 2-socket, rack-mount hardware appliance designed to deliver the right
combination of performance and value. It is available in a 1RU form-factor.
DMF Analytics Node provides scale-out analytics with configurable, historical time-series based dashboards for health, performance,
capacity planning, and security. It also acts as a collector for NetFlow and sFlow packets to provide real-time application-level
visibility, including tunneled or encapsulated traffic, enable detection of security attacks like DoS/DDoS, and support sub-second
triggering. The highly intuitive and customizable GUI dashboards support a Google-like search to quickly drill down and focus on
the possible issues quickly. It not only provides a variety of reporting and alerting functions but also allows the user to easily share
custom dashboard views with other team members for collaborative analysis, troubleshooting, and remediation.
Datasheet
arista.com
arista.com
arista.com
arista.com
12
Arista DMF Analytics Node: DCA-DM-AN450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com