Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMF Datasheet(PDF) 2 Page - Arista Networks, Inc

Part # DMF
Description  DANZ Monitoring Fabric™ Simple, Scalable, Economical
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DMF Datasheet(HTML) 2 Page - Arista Networks, Inc

  DMF Datasheet HTML 1Page - Arista Networks, Inc DMF Datasheet HTML 2Page - Arista Networks, Inc DMF Datasheet HTML 3Page - Arista Networks, Inc DMF Datasheet HTML 4Page - Arista Networks, Inc DMF Datasheet HTML 5Page - Arista Networks, Inc DMF Datasheet HTML 6Page - Arista Networks, Inc DMF Datasheet HTML 7Page - Arista Networks, Inc DMF Datasheet HTML 8Page - Arista Networks, Inc DMF Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DMF utilizes the underlying cost
efficiencies of the high performance,
merchant-silicon switches, as well
as the industry-standard x86 based
appliances.
Significant CAPEX/OPEX Savings
The DMF enables a high-performance, integrated NPB + analytics + packet capture
solution that supports rapid detection and analysis of network performance and
security anomalies. DMF leverages merchant-silicon switches and commodity
hardware to provide significant savings, both capital and operational. By contrast,
the traditional NPB-based approach has high TCO due to ever-expanding box-
by-box deployment, proprietary NPB hardware, and under-utilization of tools or
inefficient use of them due to organizational silos.
Open, Industry-Standard Hardware Economics
DMF utilizes the underlying cost efficiencies of the high performance, merchant-
silicon switches, as well as the industry-standard x86 based appliances. As a result,
DMF is much more cost-effective for pervasive, scale-out monitoring.
SDN-Enabled Operational Efficiencies
DMF is provisioned and managed through the single pane of glass, thanks to
the DMF controller CLI, GUI or REST APIs. This operating model allows for easier
integration with existing management systems and monitoring tools. This SDN
approach hence significantly reduces the operating costs associated with box-by-
box management of traditional NPBs.
Datasheet
arista.com
arista.com
arista.com
arista.com
Any vendor
Any topology
Any virtual
machine
Any container
Deduplication
Packet slicing
Packet masking
Header stripping
Regex match
Tap &
SPAN
Traffic
Production Network
DC/Campus Network
L2-GRE
Network perf monitoring
App perf monitoring
Security tools
VOIP monitoring
Traffic recorders
Netflow generation
Timestamping (SW based)
GTP correlation
UDP replication
Tap/SPAN
Remote
Tap/SPAN
Remote
DMF
Controllers
1/10/25/40/100G
Ethernet Switch Fabric
Centralized Tools
DMF Service
Nodes
DMF Recorder
Nodes
DMF Analytics
Nodes
DANZ Monitoring Fabric
Figure 1: DANZ Monitoring Fabric (DMF) Architecture
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com