Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMF Datasheet(PDF) 9 Page - Arista Networks, Inc

Part # DMF
Description  DANZ Monitoring Fabric™ Simple, Scalable, Economical
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DMF Datasheet(HTML) 9 Page - Arista Networks, Inc

Back Button DMF Datasheet HTML 5Page - Arista Networks, Inc DMF Datasheet HTML 6Page - Arista Networks, Inc DMF Datasheet HTML 7Page - Arista Networks, Inc DMF Datasheet HTML 8Page - Arista Networks, Inc DMF Datasheet HTML 9Page - Arista Networks, Inc DMF Datasheet HTML 10Page - Arista Networks, Inc DMF Datasheet HTML 11Page - Arista Networks, Inc DMF Datasheet HTML 12Page - Arista Networks, Inc DMF Datasheet HTML 13Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Datasheet
arista.com
arista.com
arista.com
arista.com
9
Minimum VM Requirements
8 vCPU with a minimum scheduling of 2GHz
32 GB of virtual memory
400 GB of Hard disk
1 virtual network interface reachable from physical switches
Note: A VM’s performance depends on many other factors in the hypervisor setup, and as such, we recommend using hardware
appliance for production deployment.
Feature
Technical Specifications
DCA-DM-C450
Processor
Intel Xeon Silver 2 sockets (12 cores)
Form Factor (H x W x D)
1U Rack Server (4.28cm x 43.4cm x 69.3cm)
Weight
41 lbs
Memory
4 x 16GB
Hard Drive
2 x 2TB SATA (with RAID support)
Networking
4 x 10Gb;
Power
Input Power: 300 watts
Max Power : 520.7 watts
Input Current: 1.4 Amps
Input Voltage: 100V - 240V auto-sensing
Mean Time Between Critical Failures
(MTBCF)
187,000 hours
DMF Controller Hardware Appliance Specification (DCA-DM-C450)
The DMF controller is available as an enterprise-class, 2-socket, 1U rack-mount hardware appliance designed to deliver the right
combination of performance, redundancy, and value in a dense chassis.
Arista DMF Controller: DCA-DM-C450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com