Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BK2 Datasheet(PDF) 67 Page - STMicroelectronics

Part # ST72324BK2
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK2 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button ST72324BK2 Datasheet HTML 63Page - STMicroelectronics ST72324BK2 Datasheet HTML 64Page - STMicroelectronics ST72324BK2 Datasheet HTML 65Page - STMicroelectronics ST72324BK2 Datasheet HTML 66Page - STMicroelectronics ST72324BK2 Datasheet HTML 67Page - STMicroelectronics ST72324BK2 Datasheet HTML 68Page - STMicroelectronics ST72324BK2 Datasheet HTML 69Page - STMicroelectronics ST72324BK2 Datasheet HTML 70Page - STMicroelectronics ST72324BK2 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 188 page
background image
ST72324B
On-chip peripherals
67/188
.
6:5
CP[1:0]
CPU Clock Prescaler
These bits select the CPU clock prescaler which is applied in different slow modes.
Their action is conditioned by the setting of the SMS bit. These two bits are set and
cleared by software:
00: fCPU in Slow mode = fOSC2/2
01: fCPU in Slow mode = fOSC2/4
10: fCPU in Slow mode = fOSC2/8
11: fCPU in Slow mode = fOSC2/16
4SMS
Slow Mode Select
This bit is set and cleared by software.
0: Normal mode. fCPU =fOSC2.
1: Slow mode. fCPU is given by CP1, CP0.
See Section 8.2: Slow mode and Section 10.2: Main clock controller with real-time
clock and beeper (MCC/RTC) for more details.
3:2
TB[1:0]
Time Base control
These bits select the programmable divider time base. They are set and cleared by
software (see Table 39). A modification of the time base is taken into account at the
end of the current period (previously set) to avoid an unwanted time shift. This
allows to use this time base as a real-time clock.
1OIE
Oscillator interrupt Enable
This bit set and cleared by software.
0: Oscillator interrupt disabled
1: Oscillator interrupt enabled
This interrupt can be used to exit from Active Halt mode. When this bit is set, calling
the ST7 software HALT instruction enters the Active Halt power saving mode.
0OIF
Oscillator interrupt Flag
This bit is set by hardware and cleared by software reading the MCCSR register. It
indicates when set that the main oscillator has reached the selected elapsed time
(TB1:0).
0: Timeout not reached
1: Timeout reached
Caution: The BRES and BSET instructions must not be used on the MCCSR
register to avoid unintentionally clearing the OIF bit.
Table 39.
Time base selection
Counter prescaler
Time base
TB1
TB0
fOSC2 =4MHz
fOSC2 =8MHz
16000
4ms
2ms
0
0
32000
8ms
4ms
0
1
80000
20ms
10ms
1
0
200000
50ms
25ms
1
1
Table 38.
MCCSR register description (continued)
Bit
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com