Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BK2 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST72324BK2
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK2 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST72324BK2 Datasheet HTML 12Page - STMicroelectronics ST72324BK2 Datasheet HTML 13Page - STMicroelectronics ST72324BK2 Datasheet HTML 14Page - STMicroelectronics ST72324BK2 Datasheet HTML 15Page - STMicroelectronics ST72324BK2 Datasheet HTML 16Page - STMicroelectronics ST72324BK2 Datasheet HTML 17Page - STMicroelectronics ST72324BK2 Datasheet HTML 18Page - STMicroelectronics ST72324BK2 Datasheet HTML 19Page - STMicroelectronics ST72324BK2 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 188 page
background image
Register and memory map
ST72324B
16/188
000Fh
0010h
0011h
Port F(1)
PFDR
PFDDR
PFOR
Port F data register
Port F data direction register
Port F option register
00h(2)
00h
00h
R/W
R/W
R/W
0012h to
0020h
Reserved area (15 bytes)
0021h
0022h
0023h
SPI
SPIDR
SPICR
SPICSR
SPI data I/O register
SPI control register
SPI control/status register
xxh
0xh
00h
R/W
R/W
R/W
0024h
0025h
0026h
0027h
ITC
ISPR0
ISPR1
ISPR2
ISPR3
Interrupt software priority register 0
Interrupt software priority register 1
Interrupt software priority register 2
Interrupt software priority register 3
FFh
FFh
FFh
FFh
R/W
R/W
R/W
R/W
0028h
EICR
External interrupt control register
00h
R/W
0029h
Flash
FCSR
Flash control/status register
00h
R/W
002Ah
Watchdog
WDGCR
Watchdog control register
7Fh
R/W
002Bh
SI
SICSR
System integrity control/status register
000x 000xb
R/W
002Ch
002Dh
MCC
MCCSR
MCCBCR
Main clock control/status register
Main clock controller: beep control register
00h
00h
R/W
R/W
002Eh to
0030h
Reserved area (3 bytes)
0031h
0032h
0033h
0034h
0035h
0036h
0037h
0038h
0039h
003Ah
003Bh
003Ch
003Dh
003Eh
003Fh
Timer A
TACR2
TACR1
TACSR
TAIC1HR
TAIC1LR
TAOC1HR
TAOC1LR
TACHR
TACLR
TAACHR
TAACLR
TAIC2HR
TAIC2LR
TAOC2HR
TAOC2LR
Timer A control register 2
Timer A control register 1
Timer A control/status register
Timer A input capture 1 high register
Timer A input capture 1 low register
Timer A output compare 1 high register
Timer A output compare 1 low register
Timer A counter high register
Timer A counter low register
Timer A alternate counter high register
Timer A alternate counter low register
Timer A input capture 2 high register
Timer A input capture 2 low register
Timer A output compare 2 high register
Timer A output compare 2 low register
00h
00h
xxxx x0xxb
xxh
xxh
80h
00h
FFh
FCh
FFh
FCh
xxh
xxh
80h
00h
R/W
R/W
R/W
Read only
Read only
R/W
R/W
Read only
Read only
Read only
Read only
Read only
Read only
R/W
R/W
0040h
Reserved area (1 byte)
Table 2.
Hardware register map (continued)
Address
Block
Register label
Register name
Reset status
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com