Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BK2 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST72324BK2
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK2 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST72324BK2 Datasheet HTML 16Page - STMicroelectronics ST72324BK2 Datasheet HTML 17Page - STMicroelectronics ST72324BK2 Datasheet HTML 18Page - STMicroelectronics ST72324BK2 Datasheet HTML 19Page - STMicroelectronics ST72324BK2 Datasheet HTML 20Page - STMicroelectronics ST72324BK2 Datasheet HTML 21Page - STMicroelectronics ST72324BK2 Datasheet HTML 22Page - STMicroelectronics ST72324BK2 Datasheet HTML 23Page - STMicroelectronics ST72324BK2 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 188 page
background image
Flash program memory
ST72324B
20/188
4.4
ICC interface
ICC needs a minimum of 4 and up to 6 pins to be connected to the programming tool (see
Figure 8). These pins are:
–
RESET: device reset
–VSS: device power supply ground
–
ICCCLK: ICC output serial clock pin
–
ICCDATA: ICC input/output serial data pin
–
ICCSEL/VPP: programming voltage
–
OSC1 (or OSCIN): main clock input for external source (optional)
–VDD: application board power supply (optional, see Figure 8, Note 3).
Figure 8.
Typical ICC interface
1.
If the ICCCLK or ICCDATA pins are only used as outputs in the application, no signal isolation is
necessary. As soon as the programming tool is plugged to the board, even if an ICC session is not in
progress, the ICCCLK and ICCDATA pins are not available for the application. If they are used as inputs by
the application, isolation such as a serial resistor has to be implemented in case another device forces the
signal. Refer to the Programming Tool documentation for recommended resistor values.
2.
During the ICC session, the programming tool must control the RESET pin. This can lead to conflicts
between the programming tool and the application reset circuit if it drives more than 5mA at high level
(PUSH-pull output or pull-up resistor <1K). A schottky diode can be used to isolate the application reset
circuit in this case. When using a classical RC network with R>1K or a reset management IC with open
drain output and pull-up resistor >1K, no additional components are needed. In all cases the user must
ensure that no external reset is generated by the application during the ICC session.
3.
The use of Pin 7 of the ICC connector depends on the programming tool architecture. This pin must be
connected when using most ST programming tools (it is used to monitor the application power supply).
Please refer to the programming tool manual.
4.
Pin 9 has to be connected to the OSC1 (OSCIN) pin of the ST7 when the clock is not available in the
application or if the selected clock option is not programmed in the option byte. ST7 devices with multi-
oscillator capability need to have OSC2 grounded in this case.
Caution:
External clock ICC entry mode is mandatory in ST72F324B 8/16 Kbyte Flash devices. In
this case pin 9 must be connected to the OSC1 (OSCIN) pin of the ST7 and OSC2 must be
grounded. 32 Kbyte Flash devices may use external clock or application clock ICC entry
mode.
ICC connector
HE10 connector type
Application
power supply
1
2
4
6
8
10
97
5
3
Programming tool
ICC connector
Application board
ICC cable
(See note 3)
10k
Ω
ST7
Mandatory for
See note 1
See note 2
Application
reset source
Application
I/O
(see note 4)
8/16 Kbyte Flash devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com