Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BK2 Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST72324BK2
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK2 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST72324BK2 Datasheet HTML 27Page - STMicroelectronics ST72324BK2 Datasheet HTML 28Page - STMicroelectronics ST72324BK2 Datasheet HTML 29Page - STMicroelectronics ST72324BK2 Datasheet HTML 30Page - STMicroelectronics ST72324BK2 Datasheet HTML 31Page - STMicroelectronics ST72324BK2 Datasheet HTML 32Page - STMicroelectronics ST72324BK2 Datasheet HTML 33Page - STMicroelectronics ST72324BK2 Datasheet HTML 34Page - STMicroelectronics ST72324BK2 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 188 page
background image
ST72324B
Supply, reset and clock management
31/188
Figure 15.
RESET sequences
6.5
System integrity management (SI)
The system integrity management block contains the LVD and auxiliary voltage detector
(AVD) functions. It is managed by the SICSR register.
6.5.1
LVD (low voltage detector)
The LVD function generates a static reset when the VDD supply voltage is below a VIT-
reference value. This means that it secures the power-up as well as the power-down
keeping the ST7 in reset.
The VIT- reference value for a voltage drop is lower than the VIT+ reference value for power-
on in order to avoid a parasitic reset when the MCU starts running and sinks current on the
supply (hysteresis).
The LVD reset circuitry generates a reset when VDD is below:
–VIT+ when VDD is rising
–VIT- when VDD is falling
The LVD function is illustrated in Figure 15.
The voltage threshold can be configured by option byte to be low, medium or high.
VDD
Run
RESET pin
External
Watchdog
Active phase
VIT+(LVD)
VIT-(LVD)
th(RSTL)in
Run
Watchdog underflow
tw(RSTL)out
Run
Run
reset
RESET
source
External
reset
LVD
reset
Watchdog
reset
Internal reset (256 or 4096 TCPU)
Vector fetch
Active
phase
Active
phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com