Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BK2 Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST72324BK2
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK2 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST72324BK2 Datasheet HTML 40Page - STMicroelectronics ST72324BK2 Datasheet HTML 41Page - STMicroelectronics ST72324BK2 Datasheet HTML 42Page - STMicroelectronics ST72324BK2 Datasheet HTML 43Page - STMicroelectronics ST72324BK2 Datasheet HTML 44Page - STMicroelectronics ST72324BK2 Datasheet HTML 45Page - STMicroelectronics ST72324BK2 Datasheet HTML 46Page - STMicroelectronics ST72324BK2 Datasheet HTML 47Page - STMicroelectronics ST72324BK2 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 188 page
background image
Interrupts
ST72324B
44/188
7.6.2
External interrupt control register (EICR)
EICR
Reset value: 0000 0000 (00h)
7
654
32
10
IS11
IS10
IPB
IS21
IS20
IPA
Reserved
R/W
R/W
R/W
R/W
R/W
R/W
-
Table 18.
EICR register description
Bit
Name
Function
7:6
IS1[1:0]
ei2 and ei3 sensitivity
The interrupt sensitivity, defined using the IS1[1:0] bits, is applied to the following
external interrupts:
- ei2 for port B [3:0] (see Table 19)
- ei3 for port B4 (see Table 20)
Bits 7 and 6 can only be written when I1 and I0 of the CC register are both set to 1
(level 3).
5IPB
Interrupt Polarity (for port B)
This bit is used to invert the sensitivity of port B [3:0] external interrupts. It can be
set and cleared by software only when I1 and I0 of the CC register are both set to 1
(level 3).
0: No sensitivity inversion
1: Sensitivity inversion
4:3
IS2[1:0]
ei0 and ei1 sensitivity
The interrupt sensitivity, defined using the IS2[1:0] bits, is applied to the following
external interrupts:
- ei0 for port A[3:0] (see Table 21)
- ei1 for port F[2:0] (see Table 22)
Bits 4 and 3 can only be written when I1 and I0 of the CC register are both set to 1
(level 3).
2IPA
Interrupt Polarity (for port A)
This bit is used to invert the sensitivity of port A [3:0] external interrupts. It can be
set and cleared by software only when I1 and I0 of the CC register are both set to 1
(level 3).
0: No sensitivity inversion.
1: Sensitivity inversion.
1:0
-
Reserved, must always be kept cleared
Table 19.
Interrupt sensitivity - ei2
IS11
IS10
External interrupt sensitivity
IPB bit = 0
IPB bit = 1
0
0
Falling edge and low level
Rising edge and high level
0
1
Rising edge only
Falling edge only
1
0
Falling edge only
Rising edge only
1
1
Rising and falling edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com