Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BK2 Datasheet(PDF) 99 Page - STMicroelectronics

Part # ST72324BK2
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK2 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button ST72324BK2 Datasheet HTML 95Page - STMicroelectronics ST72324BK2 Datasheet HTML 96Page - STMicroelectronics ST72324BK2 Datasheet HTML 97Page - STMicroelectronics ST72324BK2 Datasheet HTML 98Page - STMicroelectronics ST72324BK2 Datasheet HTML 99Page - STMicroelectronics ST72324BK2 Datasheet HTML 100Page - STMicroelectronics ST72324BK2 Datasheet HTML 101Page - STMicroelectronics ST72324BK2 Datasheet HTML 102Page - STMicroelectronics ST72324BK2 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 188 page
background image
ST72324B
On-chip peripherals
99/188
10.4.6
Low power modes
Using the SPI to wake up the MCU from Halt mode
In slave configuration, the SPI is able to wake up the ST7 device from Halt mode through a
SPIF interrupt. The data received is subsequently read from the SPIDR register when the
software is running (interrupt vector fetch). If multiple data transfers have been performed
before software clears the SPIF bit, then the OVR bit is set by hardware.
Note:
When waking up from Halt mode, if the SPI remains in Slave mode, it is recommended to
perform an extra communications cycle to bring the SPI from Halt mode state to normal
state. If the SPI exits from Slave mode, it returns to normal state immediately.
Caution:
The SPI can wake up the ST7 from Halt mode only if the Slave Select signal (external SS
pin or the SSI bit in the SPICSR register) is low when the ST7 enters Halt mode. Therefore,
if Slave selection is configured as external (see Slave Select management on page 93),
make sure the master drives a low level on the SS pin when the slave enters Halt mode.
10.4.7
Interrupts
10.4.8
SPI registers
SPI Control Register (SPICR)
Table 52.
Effect of low power modes on SPI
Mode
Description
Wait
No effect on SPI.
SPI interrupt events cause the device to exit from Wait mode.
Halt
SPI registers are frozen.
In Halt mode, the SPI is inactive. SPI operation resumes when the MCU is woken up by an
interrupt with Exit from Halt mode capability. The data received is subsequently read from
the SPIDR register when the software is running (interrupt vector fetching). If several data
are received before the wake-up event, then an overrun error is generated. This error can
be detected after the fetch of the interrupt routine that woke up the device.
Table 53.
SPI interrupt control/wake-up capability(1)
1.
The SPI interrupt events are connected to the same interrupt vector (see Section 7: Interrupts). They
generate an interrupt if the corresponding Enable Control Bit is set and the interrupt mask in the CC
register is reset (RIM instruction).
Interrupt event
Event flag
Enable control bit
Exit from WAIT Exit from HALT
SPI end of transfer event
SPIF
SPIE
Yes
Yes
Master mode fault event
MODF
No
Overrun error
OVR
SPICR
Reset value: 0000 xxxx (0xh)
7
654
32
10
SPIE
SPE
SPR2
MSTR
CPOL
CPHA
SPR[1:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com