Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BK2 Datasheet(PDF) 101 Page - STMicroelectronics

Part # ST72324BK2
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK2 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button ST72324BK2 Datasheet HTML 97Page - STMicroelectronics ST72324BK2 Datasheet HTML 98Page - STMicroelectronics ST72324BK2 Datasheet HTML 99Page - STMicroelectronics ST72324BK2 Datasheet HTML 100Page - STMicroelectronics ST72324BK2 Datasheet HTML 101Page - STMicroelectronics ST72324BK2 Datasheet HTML 102Page - STMicroelectronics ST72324BK2 Datasheet HTML 103Page - STMicroelectronics ST72324BK2 Datasheet HTML 104Page - STMicroelectronics ST72324BK2 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 188 page
background image
ST72324B
On-chip peripherals
101/188
SPI Control/Status Register (SPICSR)
fCPU/16
0
0
1
fCPU/32
1
1
0
fCPU/64
0
1
0
fCPU/128
0
1
1
SPICSR
Reset value: 0000 0000 (00h)
7
654
32
10
SPIF
WCOL
OVR
MODF
Reserved
SOD
SSM
SSI
RO
RO
RO
RO
-
R/W
R/W
R/W
Table 56.
SPICSR register description
Bit
Name
Function
7
SPIF
Serial Peripheral data transfer flag
This bit is set by hardware when a transfer has been completed. An interrupt is
generated if SPIE = 1 in the SPICR register. It is cleared by a software sequence (an
access to the SPICSR register followed by a write or a read to the SPIDR register).
0: Data transfer is in progress or the flag has been cleared
1: Data transfer between the device and an external device has been completed.
Note: While the SPIF bit is set, all writes to the SPIDR register are inhibited until the
SPICSR register is read.
6WCOL
Write Collision status
This bit is set by hardware when a write to the SPIDR register is done during a
transmit sequence. It is cleared by a software sequence (see Figure 55).
0: No write collision occurred
1: A write collision has been detected.
5OVR
SPI Overrun error
This bit is set by hardware when the byte currently being received in the shift register
is ready to be transferred into the SPIDR register while SPIF = 1 (see Overrun
condition (OVR) on page 97). An interrupt is generated if SPIE = 1 in SPICR
register. The OVR bit is cleared by software reading the SPICSR register.
0: No overrun error
1: Overrun error detected
4MODF
Mode Fault flag
This bit is set by hardware when the SS pin is pulled low in master mode (see
Master mode fault (MODF) on page 97). An SPI interrupt can be generated if
SPIE = 1 in the SPICSR register. This bit is cleared by a software sequence (An
access to the SPICR register while MODF = 1 followed by a write to the SPICR
register).
0: No master mode fault detected
1: A fault in master mode has been detected.
3
-
Reserved, must be kept cleared.
Table 55.
SPI master mode SCK frequency (continued)
Serial clock
SPR2
SPR1
SPR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com