Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BK2 Datasheet(PDF) 103 Page - STMicroelectronics

Part # ST72324BK2
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK2 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button ST72324BK2 Datasheet HTML 99Page - STMicroelectronics ST72324BK2 Datasheet HTML 100Page - STMicroelectronics ST72324BK2 Datasheet HTML 101Page - STMicroelectronics ST72324BK2 Datasheet HTML 102Page - STMicroelectronics ST72324BK2 Datasheet HTML 103Page - STMicroelectronics ST72324BK2 Datasheet HTML 104Page - STMicroelectronics ST72324BK2 Datasheet HTML 105Page - STMicroelectronics ST72324BK2 Datasheet HTML 106Page - STMicroelectronics ST72324BK2 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 188 page
background image
ST72324B
On-chip peripherals
103/188
10.5
Serial communications interface (SCI)
10.5.1
Introduction
The serial communications interface (SCI) offers a flexible means of full-duplex data
exchange with external equipment requiring an industry standard NRZ asynchronous serial
data format. The SCI offers a very wide range of baud rates using two baud rate generator
systems.
10.5.2
Main features
●
Full duplex, asynchronous communications
●
NRZ standard format (mark/space)
●
Dual baud rate generator systems
●
Independently programmable transmit and receive baud rates up to 500K baud.
●
Programmable data word length (8 or 9 bits)
●
Receive buffer full, Transmit buffer empty and End of Transmission flags
●
2 receiver wake-up modes
–
Address bit (MSB)
–
Idle line
●
Muting function for multiprocessor configurations
●
Separate enable bits for Transmitter and Receiver
●
4 error detection flags
–
Overrun error
–
Noise error
–Frame error
–
Parity error
●
5 interrupt sources with flags
–
Transmit data register empty
–
Transmission complete
–
Receive data register full
–
Idle line received
–
Overrun error detected
Table 57.
SPI register map and reset values
Address (Hex.)
Register label
7
6
5
4
3
2
1
0
0021h
SPIDR
Reset value
MSB
xx
xx
x
x
x
LSB
x
0022h
SPICR
Reset value
SPIE
0
SPE
0
SPR2
0
MSTR
0
CPOL
x
CPHA
x
SPR1
x
SPR0
x
0023h
SPICSR
Reset value
SPIF
0
WCOL
0
OVR
0
MODF
00
SOD
0
SSM
0
SSI
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com