Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BK2 Datasheet(PDF) 91 Page - STMicroelectronics

Part # ST72324BK2
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK2 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button ST72324BK2 Datasheet HTML 87Page - STMicroelectronics ST72324BK2 Datasheet HTML 88Page - STMicroelectronics ST72324BK2 Datasheet HTML 89Page - STMicroelectronics ST72324BK2 Datasheet HTML 90Page - STMicroelectronics ST72324BK2 Datasheet HTML 91Page - STMicroelectronics ST72324BK2 Datasheet HTML 92Page - STMicroelectronics ST72324BK2 Datasheet HTML 93Page - STMicroelectronics ST72324BK2 Datasheet HTML 94Page - STMicroelectronics ST72324BK2 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 188 page
background image
ST72324B
On-chip peripherals
91/188
10.4
Serial peripheral interface (SPI)
10.4.1
Introduction
The serial peripheral interface (SPI) allows full-duplex, synchronous, serial communication
with external devices. An SPI system may consist of a master and one or more slaves.
However, the SPI interface can not be a master in a multi-master system.
10.4.2
Main features
●
Full duplex synchronous transfers (on 3 lines)
●
Simplex synchronous transfers (on 2 lines)
●
Master or slave operation
●
6 master mode frequencies (fCPU/4 max.)
●
fCPU/2 max. slave mode frequency (see note)
●
SS Management by software or hardware
●
Programmable clock polarity and phase
●
End of transfer interrupt flag
●
Write collision, Master mode fault and Overrun flags
Note:
In slave mode, continuous transmission is not possible at maximum frequency due to the
software overhead for clearing status flags and to initiate the next transmission sequence.
Timer A: 36
Timer B: 46
OC1HR
Reset value
MSB
10
00000
LSB
0
Timer A: 37
Timer B: 47
OC1LR
Reset value
MSB
00
00000
LSB
0
Timer A: 3E
Timer B: 4E
OC2HR
Reset value
MSB
10
00000
LSB
0
Timer A: 3F
Timer B: 4F
OC2LR
Reset value
MSB
00
00000
LSB
0
Timer A: 38
Timer B: 48
CHR
Reset value
MSB
11
11111
LSB
1
Timer A: 39
Timer B: 49
CLR
Reset value
MSB
11
11110
LSB
0
Timer A: 3A
Timer B: 4A
ACHR
Reset value
MSB
11
11111
LSB
1
Timer A: 3B
Timer B: 4B
ACLR
Reset value
MSB
11
11110
LSB
0
Timer A: 3C
Timer B: 4C
IC2HR
Reset value
MSB
xxxxxxx
LSB
x
Timer A: 3D
Timer B: 4D
IC2LR
Reset value
MSB
xxxxxxx
LSB
x
Table 51.
16-bit timer register map and reset values (continued)
Address
(Hex.)
Register
label
76
543210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com