Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BK2 Datasheet(PDF) 96 Page - STMicroelectronics

Part # ST72324BK2
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK2 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button ST72324BK2 Datasheet HTML 92Page - STMicroelectronics ST72324BK2 Datasheet HTML 93Page - STMicroelectronics ST72324BK2 Datasheet HTML 94Page - STMicroelectronics ST72324BK2 Datasheet HTML 95Page - STMicroelectronics ST72324BK2 Datasheet HTML 96Page - STMicroelectronics ST72324BK2 Datasheet HTML 97Page - STMicroelectronics ST72324BK2 Datasheet HTML 98Page - STMicroelectronics ST72324BK2 Datasheet HTML 99Page - STMicroelectronics ST72324BK2 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 188 page
background image
On-chip peripherals
ST72324B
96/188
The SPIF bit can be cleared during a second transmission; however, it must be cleared
before the second SPIF bit in order to prevent an Overrun condition (see Overrun condition
(OVR) on page 97).
10.4.4
Clock phase and clock polarity
Four possible timing relationships may be chosen by software, using the CPOL and CPHA
bits (see Figure 54).
Note:
The idle state of SCK must correspond to the polarity selected in the SPICSR register (by
pulling up SCK if CPOL = 1 or pulling down SCK if CPOL = 0).
The combination of the CPOL clock polarity and CPHA (clock phase) bits selects the data
capture clock edge
Figure 54 shows an SPI transfer with the four combinations of the CPHA and CPOL bits.
The diagram may be interpreted as a master or slave timing diagram where the SCK, MISO
and MOSI pins are directly connected between the master and the slave device.
Note:
If CPOL is changed at the communication byte boundaries, the SPI must be disabled by
resetting the SPE bit.
Figure 54.
Data clock timing diagram(1)
1.
This figure should not be used as a replacement for parametric information. Refer to the Electrical
Characteristics chapter.
SCK
MSB
Bit 6
Bit 5
Bit 4
Bit3
Bit 2
Bit 1
LSB
MISO
(from master)
MOSI
(from slave)
SS
(to slave)
Capture strobe
CPHA = 1
MISO
(from master)
MOSI
SS
(to slave)
Capture strobe
CPHA = 0
(from slave)
(CPOL = 1)
SCK
(CPOL = 0)
SCK
(CPOL = 1)
SCK
(CPOL = 0)
MSB
Bit 6
Bit 5
Bit 4
Bit3
Bit 2
Bit 1
LSB
MSB
Bit 6
Bit 5
Bit 4
Bit3
Bit 2
Bit 1
LSB
MSB
Bit 6
Bit 5
Bit 4
Bit3
Bit 2
Bit 1
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com