Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BK2 Datasheet(PDF) 89 Page - STMicroelectronics

Part # ST72324BK2
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK2 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button ST72324BK2 Datasheet HTML 85Page - STMicroelectronics ST72324BK2 Datasheet HTML 86Page - STMicroelectronics ST72324BK2 Datasheet HTML 87Page - STMicroelectronics ST72324BK2 Datasheet HTML 88Page - STMicroelectronics ST72324BK2 Datasheet HTML 89Page - STMicroelectronics ST72324BK2 Datasheet HTML 90Page - STMicroelectronics ST72324BK2 Datasheet HTML 91Page - STMicroelectronics ST72324BK2 Datasheet HTML 92Page - STMicroelectronics ST72324BK2 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 188 page
background image
ST72324B
On-chip peripherals
89/188
Output Compare 2 Low Register (OC2LR)
This is an 8-bit register that contains the low part of the value to be compared to the CLR
register.
Counter High Register (CHR)
This is an 8-bit register that contains the high part of the counter value.
Counter Low Register (CLR)
This is an 8-bit register that contains the low part of the counter value. A write to this register
resets the counter. An access to this register after accessing the CSR register clears the
TOF bit.
Alternate Counter High Register (ACHR)
This is an 8-bit register that contains the high part of the counter value.
OC2LR
Reset value: 0000 0000 (00h)
7
654
32
10
MSB
LSB
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
CHR
Reset value: 1111 1111 (FFh)
7
654
32
10
MSB
LSB
RO
RO
RO
RO
RO
RO
RO
RO
CLR
Reset value: 1111 1100 (FCh)
7
654
32
10
MSB
LSB
RO
RO
RO
RO
RO
RO
RO
RO
ACHR
Reset value: 1111 1111 (FFh)
7
654
32
10
MSB
LSB
RO
RO
RO
RO
RO
RO
RO
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com