Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BK2 Datasheet(PDF) 102 Page - STMicroelectronics

Part # ST72324BK2
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK2 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button ST72324BK2 Datasheet HTML 98Page - STMicroelectronics ST72324BK2 Datasheet HTML 99Page - STMicroelectronics ST72324BK2 Datasheet HTML 100Page - STMicroelectronics ST72324BK2 Datasheet HTML 101Page - STMicroelectronics ST72324BK2 Datasheet HTML 102Page - STMicroelectronics ST72324BK2 Datasheet HTML 103Page - STMicroelectronics ST72324BK2 Datasheet HTML 104Page - STMicroelectronics ST72324BK2 Datasheet HTML 105Page - STMicroelectronics ST72324BK2 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 188 page
background image
On-chip peripherals
ST72324B
102/188
SPI Data I/O Register (SPIDR)
The SPIDR register is used to transmit and receive data on the serial bus. In a master
device, a write to this register will initiate transmission/reception of another byte.
Note:
During the last clock cycle the SPIF bit is set, a copy of the received data byte in the shift
register is moved to a buffer. When the user reads the serial peripheral data I/O register, the
buffer is actually being read.
While the SPIF bit is set, all writes to the SPIDR register are inhibited until the SPICSR
register is read.
Warning:
A write to the SPIDR register places data directly into the
shift register for transmission.
A read to the SPIDR register returns the value located in the buffer and not the content of
the shift register (see Figure 50).
2SOD
SPI Output Disable
This bit is set and cleared by software. When set, it disables the alternate function of
the SPI output (MOSI in master mode / MISO in slave mode).
0: SPI output enabled (if SPE = 1).
1: SPI output disabled.
1
SSM
SS Management
This bit is set and cleared by software. When set, it disables the alternate function of
the SPI SS pin and uses the SSI bit value instead. See Slave Select management
on page 93.
0: Hardware management (SS managed by external pin).
1: Software management (internal SS signal controlled by SSI bit. External SS pin
free for general-purpose I/O).
0SSI
SS Internal mode
This bit is set and cleared by software. It acts as a ‘chip select’ by controlling the
level of the SS slave select signal when the SSM bit is set.
0: Slave selected.
1: Slave deselected.
SPIDR
Reset value: undefined
7
654
32
10
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 56.
SPICSR register description (continued)
Bit
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com