Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BK2 Datasheet(PDF) 109 Page - STMicroelectronics

Part # ST72324BK2
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK2 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button ST72324BK2 Datasheet HTML 105Page - STMicroelectronics ST72324BK2 Datasheet HTML 106Page - STMicroelectronics ST72324BK2 Datasheet HTML 107Page - STMicroelectronics ST72324BK2 Datasheet HTML 108Page - STMicroelectronics ST72324BK2 Datasheet HTML 109Page - STMicroelectronics ST72324BK2 Datasheet HTML 110Page - STMicroelectronics ST72324BK2 Datasheet HTML 111Page - STMicroelectronics ST72324BK2 Datasheet HTML 112Page - STMicroelectronics ST72324BK2 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 188 page
background image
ST72324B
On-chip peripherals
109/188
Overrun error
An overrun error occurs when a character is received when RDRF has not been reset. Data
can not be transferred from the shift register to the RDR register as long as the RDRF bit is
not cleared.
When a overrun error occurs:
●
The OR bit is set.
●
The RDR content will not be lost.
●
The shift register will be overwritten.
●
An interrupt is generated if the RIE bit is set and the I bit is cleared in the CCR register.
The OR bit is reset by an access to the SCISR register followed by a SCIDR register read
operation.
Noise error
Oversampling techniques are used for data recovery by discriminating between valid
incoming data and noise. Normal data bits are considered valid if three consecutive samples
(8th, 9th, 10th) have the same bit value, otherwise the NF flag is set. In the case of start bit
detection, the NF flag is set on the basis of an algorithm combining both valid edge
detection and three samples (8th, 9th, 10th). Therefore, to prevent the NF flag from being
set during start bit reception, there should be a valid edge detection as well as three valid
samples.
When noise is detected in a frame:
●
The NF flag is set at the rising edge of the RDRF bit.
●
Data is transferred from the Shift register to the SCIDR register.
●
No interrupt is generated. However this bit rises at the same time as the RDRF bit
which itself generates an interrupt.
The NF flag is reset by a SCISR register read operation followed by a SCIDR register read
operation.
During reception, if a false start bit is detected (for example, 8th, 9th, 10th samples are
011,101,110), the frame is discarded and the receiving sequence is not started for this
frame. There is no RDRF bit set for this frame and the NF flag is set internally (not
accessible to the user). This NF flag is accessible along with the RDRF bit when a next valid
frame is received.
Note:
If the application Start bit is not long enough to match the above requirements, then the NF
Flag may get set due to the short Start bit. In this case, the NF flag may be ignored by the
application software when the first valid byte is received.
See also Noise error causes on page 114.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com