Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BK2 Datasheet(PDF) 116 Page - STMicroelectronics

Part # ST72324BK2
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK2 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button ST72324BK2 Datasheet HTML 112Page - STMicroelectronics ST72324BK2 Datasheet HTML 113Page - STMicroelectronics ST72324BK2 Datasheet HTML 114Page - STMicroelectronics ST72324BK2 Datasheet HTML 115Page - STMicroelectronics ST72324BK2 Datasheet HTML 116Page - STMicroelectronics ST72324BK2 Datasheet HTML 117Page - STMicroelectronics ST72324BK2 Datasheet HTML 118Page - STMicroelectronics ST72324BK2 Datasheet HTML 119Page - STMicroelectronics ST72324BK2 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 188 page
background image
On-chip peripherals
ST72324B
116/188
6TC
Transmission Complete
This bit is set by hardware when transmission of a frame containing data is complete.
An interrupt is generated if TCIE = 1 in the SCICR2 register. It is cleared by a
software sequence (an access to the SCISR register followed by a write to the
SCIDR register).
0: Transmission is not complete
1: Transmission is complete
Note: TC is not set after the transmission of a Preamble or a Break.
5
RDRF
Received Data Ready Flag
This bit is set by hardware when the content of the RDR register has been
transferred to the SCIDR register. An interrupt is generated if RIE = 1 in the SCICR2
register. It is cleared by a software sequence (an access to the SCISR register
followed by a read to the SCIDR register).
0: Data is not received
1: Received data is ready to be read
4IDLE
Idle line detect
This bit is set by hardware when a Idle Line is detected. An interrupt is generated if
the ILIE = 1 in the SCICR2 register. It is cleared by a software sequence (an access
to the SCISR register followed by a read to the SCIDR register).
0: No idle line is detected
1: Idle line is detected
Note: The IDLE bit is not reset until the RDRF bit has itself been set (that is, a new
idle line occurs).
3OR
Overrun error
This bit is set by hardware when the word currently being received in the shift register
is ready to be transferred into the RDR register while RDRF = 1. An interrupt is
generated if RIE = 1 in the SCICR2 register. It is cleared by a software sequence (an
access to the SCISR register followed by a read to the SCIDR register).
0: No overrun error
1: Overrun error is detected
Note: When this bit is set RDR register content is not lost but the shift register is
overwritten.
2NF
Noise Flag
This bit is set by hardware when noise is detected on a received frame. It is cleared
by a software sequence (an access to the SCISR register followed by a read to the
SCIDR register).
0: No noise is detected
1: Noise is detected
Note: This bit does not generate interrupt as it appears at the same time as the
RDRF bit which itself generates an interrupt.
1FE
Framing Error
This bit is set by hardware when a desynchronization, excessive noise or a break
character is detected. It is cleared by a software sequence (an access to the SCISR
register followed by a read to the SCIDR register).
0: No framing error is detected
1: Framing error or break character is detected
Note: This bit does not generate interrupt as it appears at the same time as the
RDRF bit which itself generates an interrupt. If the word currently being transferred
causes both Frame Error and Overrun error, it is transferred and only the OR bit will
be set.
Table 61.
SCISR register description (continued)
Bit
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com