Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BK2 Datasheet(PDF) 124 Page - STMicroelectronics

Part # ST72324BK2
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK2 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button ST72324BK2 Datasheet HTML 120Page - STMicroelectronics ST72324BK2 Datasheet HTML 121Page - STMicroelectronics ST72324BK2 Datasheet HTML 122Page - STMicroelectronics ST72324BK2 Datasheet HTML 123Page - STMicroelectronics ST72324BK2 Datasheet HTML 124Page - STMicroelectronics ST72324BK2 Datasheet HTML 125Page - STMicroelectronics ST72324BK2 Datasheet HTML 126Page - STMicroelectronics ST72324BK2 Datasheet HTML 127Page - STMicroelectronics ST72324BK2 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 188 page
background image
On-chip peripherals
ST72324B
124/188
10.6.3
Functional description
The conversion is monotonic, meaning that the result never decreases if the analog input
does not increase.
If the input voltage (VAIN) is greater than VAREF (high-level voltage reference) then the
conversion result is FFh in the ADCDRH register and 03h in the ADCDRL register (without
overflow indication).
If the input voltage (VAIN) is lower than VSSA (low-level voltage reference) then the
conversion result in the ADCDRH and ADCDRL registers is 00 00h.
The A/D converter is linear and the digital result of the conversion is stored in the ADCDRH
and ADCDRL registers. The accuracy of the conversion is described in the Electrical
Characteristics Section.
RAIN is the maximum recommended impedance for an analog input signal. If the impedance
is too high, this will result in a loss of accuracy due to leakage and sampling not being
completed in the allotted time.
A/D converter configuration
The analog input ports must be configured as input, no pull-up, no interrupt. Refer to
Section 9: I/O ports. Using these pins as analog inputs does not affect the ability of the port
to be read as a logic input.
In the ADCCSR register:
Select the CS[3:0] bits to assign the analog channel to convert.
Starting the conversion
In the ADCCSR register:
Set the ADON bit to enable the A/D converter and to start the conversion. From this
time on, the ADC performs a continuous conversion of the selected channel.
When a conversion is complete:
–
the EOC bit is set by hardware
–
the result is in the ADCDR registers
A read to the ADCDRH resets the EOC bit.
To read the 10 bits, perform the following steps:
1.
Poll the EOC bit.
2.
Read the ADCDRL register
3.
Read the ADCDRH register. This clears EOC automatically.
Note:
The data is not latched, so both the low and the high data register must be read before the
next conversion is complete. Therefore, it is recommended to disable interrupts while
reading the conversion result.
To read only 8 bits, perform the following steps:
1.
Poll the EOC bit.
2.
Read the ADCDRH register. This clears EOC automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com