Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BK2 Datasheet(PDF) 137 Page - STMicroelectronics

Part # ST72324BK2
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK2 Datasheet(HTML) 137 Page - STMicroelectronics

Back Button ST72324BK2 Datasheet HTML 133Page - STMicroelectronics ST72324BK2 Datasheet HTML 134Page - STMicroelectronics ST72324BK2 Datasheet HTML 135Page - STMicroelectronics ST72324BK2 Datasheet HTML 136Page - STMicroelectronics ST72324BK2 Datasheet HTML 137Page - STMicroelectronics ST72324BK2 Datasheet HTML 138Page - STMicroelectronics ST72324BK2 Datasheet HTML 139Page - STMicroelectronics ST72324BK2 Datasheet HTML 140Page - STMicroelectronics ST72324BK2 Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 188 page
background image
ST72324B
Electrical characteristics
137/188
12.1.5
Pin input voltage
The input voltage measurement on a pin of the device is described in Figure 63.
Figure 63.
Pin input voltage
12.2
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
12.2.1
Voltage characteristics
VIN
ST7 pin
Table 82.
Voltage characteristics
Symbol
Ratings
Maximum value
Unit
VDD - VSS
Supply voltage
6.5
V
VPP - VSS
Programming voltage
13
VIN
(1)(2)
1.
Directly connecting the RESET and I/O pins to VDD or VSS could damage the device if an unintentional
internal reset is generated or an unexpected change of the I/O configuration occurs (for example, due to a
corrupted program counter). To guarantee safe operation, this connection has to be done through a pull-up
or pull-down resistor (typical: 4.7k
Ω for RESET, 10kΩ for I/Os). For the same reason, unused I/O pins
must not be directly tied to VDD or VSS.
2.
IINJ(PIN) must never be exceeded. This is implicitly ensured if VIN maximum is respected. If VIN maximum
cannot be respected, the injection current must be limited externally to the IINJ(PIN) value. A positive
injection is induced by VIN > VDD while a negative injection is induced by VIN < VSS. For true open-drain
pads, there is no positive injection current, and the corresponding VIN maximum must always be
respected.
Input voltage on true open drain pin
VSS - 0.3 to 6.5
Input voltage on any other pin
VSS - 0.3 to
VDD +0.3
|
∆VDDx| and |∆VSSx| Variations between different digital power pins
50
mV
|VSSA - VSSx|
Variations between digital and analog ground pins
50
VESD(HBM)
Electrostatic discharge voltage (human body model)
see Section 12.8.3 on
page 152
VESD(MM)
Electrostatic discharge voltage (machine model)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com