Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BK2 Datasheet(PDF) 173 Page - STMicroelectronics

Part # ST72324BK2
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK2 Datasheet(HTML) 173 Page - STMicroelectronics

Back Button ST72324BK2 Datasheet HTML 169Page - STMicroelectronics ST72324BK2 Datasheet HTML 170Page - STMicroelectronics ST72324BK2 Datasheet HTML 171Page - STMicroelectronics ST72324BK2 Datasheet HTML 172Page - STMicroelectronics ST72324BK2 Datasheet HTML 173Page - STMicroelectronics ST72324BK2 Datasheet HTML 174Page - STMicroelectronics ST72324BK2 Datasheet HTML 175Page - STMicroelectronics ST72324BK2 Datasheet HTML 176Page - STMicroelectronics ST72324BK2 Datasheet HTML 177Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 188 page
background image
ST72324B
Device configuration and ordering information
173/188
OPT4:3
VD[1:0]
Voltage detection
These option bits enable the voltage detection block (LVD and AVD)
with a selected threshold for the LVD and AVD.
00: Selected LVD = Highest threshold (VDD~4V).
01: Selected LVD = Medium threshold (VDD~3.5V).
10: Selected LVD = Lowest threshold (VDD~3V).
11: LVD and AVD off
Caution: If the medium or low thresholds are selected, the detection
may occur outside the specified operating voltage range. Below 3.8V,
device operation is not guaranteed. For details on the AVD and LVD
threshold levels refer to Section 12.4.1 on page 140.
OPT2:1
-
Reserved, must be kept at default value
OPT0
FMP_R
Flash memory readout protection
Readout protection, when selected, provides a protection against
program memory content extraction and against write access to Flash
memory.
Erasing the option bytes when the FMP_R option is selected causes
the whole user memory to be erased first, afterwhich the device can
be reprogrammed. Refer to Section 4.3.1 on page 19 and the ST7
Flash Programming Reference Manual for more details.
0: Readout protection enabled
1: Readout protection disabled
Table 120.
Option byte 1 bit description
Bit
Name
Function
OPT7
PKG1
Pin package selection bit
This option bit selects the package (see Table 121).
Note: On the chip, each I/O port has eight pads. Pads that are not
bonded to external pins are in input pull-up configuration after reset.
The configuration of these pads must be kept at reset state to avoid
added current consumption.
OPT6
RSTC
Reset clock cycle selection
This option bit selects the number of CPU cycles applied during the
reset phase and when exiting Halt mode. For resonator oscillators, it
is advised to select 4096 due to the long crystal stabilization time.
0: Reset phase with 4096 CPU cycles
1: Reset phase with 256 CPU cycles
OPT5:4
OSCTYPE[1:0]
Oscillator type
These option bits select the ST7 main clock source type.
00: Clock source = Resonator oscillator
01: Reserved
10: Clock source = Internal RC oscillator
11: Clock source = External source
Table 119.
Option byte 0 bit description (continued)
Bit
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com